Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS63PWH Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # RS63PWH
Description  Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RS63PWH Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  RS63PWH Datasheet HTML 1Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 2Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 3Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 4Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 5Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 6Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 7Page - Cooper Bussmann, Inc. RS63PWH Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0415
BU-SB13988
Page 1 of 8
Data Sheet # 10083
Red Spot Fuse Holders
Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
Description
A range of CSA certified IP20 finger-safe fuse holders for
BS88 HRC industrial fuses in rating up to 400A.
Catalog Symbol
RS(AMP)(Connection Style/Color)
Ratings
Volts: Up to 690Vac/dc*
Amps: 20, 32, 63, 100, 200 and 400
SCCR: 80kA
* AC Ratings vary by holder ampacity. See product tables for details.
Maximum Operating Temperature: 40°C
Wire Type: 70°C PVC/Cu
Wire Range: 8AWG to 500MCM (10 to 240mm2)
Termination/Connection Styles:
• Front connected (20-400A)
• Back stud connected (20-400A)
• Front/back stud connected (20-400A)
• Back stud connected, flush mounted (20A)
Agency Information
• CSA 22.2 No. 39, Class 6225 01, File 47235
• IEC 60269-1 & IEC 60269-2
Flammability Rating: RS20H to RS63H, V-1
RS100H to RS400H, V-0
Protection Level: IP20
Available Colors: Black, white, green and grey
(available colors vary by ampacity)
Front Connected
Back Stud Connected
Front/Back Stud Connected
Back Stud Connected -
Flush Mounted (20A only)
Available Termination/Connection Styles
Features & Benefits
• Industry standard fuse holder for protecting utility and in-
dustrial installations for over 40 years
• Large, proven contact system and anti-vibration feature
helps ensure perfect carrier contact alignment and superior
electrical contact
• Conductor insulating sleeves help prevent inadvertent
contact at the entry point while fully shrouded terminals de-
liver IP20 protection
• Molded parts made from flame-retardant, non-hygroscopic,
high dielectric strength phenolic material
• A broad range of accessories and Bussmann fuses
available for all Red Spot fuse holders


Similar Part No. - RS63PWH

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
RS63PWH EATON-RS63PWH Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
More results

Similar Description - RS63PWH

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
RS20H EATON-RS20H Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
Cooper Bussmann, Inc.
NITD6A COOPER-NITD6A Datasheet
22Kb / 1P
   Industrial HRC Fuse
logo
Littelfuse
LFPXV0001Z LITTELFUSE-LFPXV0001Z Datasheet
351Kb / 2P
   LFPXV TOUCH-SAFE FUSE HOLDERS
Rev: 1-B-072919
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
EF355 COOPER-EF355_15 Datasheet
94Kb / 4P
   EF Industrial HRC fuse links
logo
Eaton All Rights Reserv...
JT600 EATON-JT600 Datasheet
817Kb / 4P
   Safety J finger-safe 30 and 60 amp Class J fuse holders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com