Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM60030-1MW14 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # RM60030-1MW14
Description  Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM60030-1MW14 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button RM60030-1MW14 Datasheet HTML 3Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 4Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 5Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 6Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 7Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 8Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 9Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 10Page - Cooper Bussmann, Inc. RM60030-1MW14 Datasheet HTML 11Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Technical Data 10491
Effective June 2016
Class R 250 V and 600 V ferrule power distribution fuse blocks
Eaton.com/bussmannseries
600 V, 60 A dimensions — mm (in)
Catalog nos. RM60060-(poles)MW12 — Two ports in, one port out
41.0
1.61
8.4
.33
3.4
.13
5.0
.20
39.6
1.56
30.1
1.18
14.3
.56
17.1
.67
5.0
.20
R3.6
.14
38.3
1.51
7.1
.28
38.3
1.51
77.9
3.07
12.7
.50
25.6
1.01
65.5
2.58
53.5
2.11
38.3
1.51
116.1
4.57
202 [8.0]
With optional cover, see catalog number table on page three for available versions


Similar Part No. - RM60030-1MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM60030-1CR COOPER-RM60030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
RM60030-1PR COOPER-RM60030-1PR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
RM60030-1SR COOPER-RM60030-1SR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM60030-1MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com