Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM25060-3MW14 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # RM25060-3MW14
Description  Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25060-3MW14 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  RM25060-3MW14 Datasheet HTML 1Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 2Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 8Page - Cooper Bussmann, Inc. RM25060-3MW14 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Technical Data 10491
Effective June 2016
Up to 60 A Class R 250 V and 600 V
ferrule power distribution fuse blocks
Catalog symbols:
RM25060-_MW_
RM60030-_MW_
RM60060-_MW_
Description:
Bussmann® series 250 V and 600 V Class R fuse
block features power distribution capability.
This patented design simplifies panel layouts
and uses up to 57 percent less panel space.
Additionally, it lowers inventory costs while
reducing installation time and labor by an average
of 33 percent.
Furthermore, this design uses fewer wire
connections, reducing watts loss and overall
operating temperature of the panel.
Features and benefits:
Combination power distribution block and fuse
block reduces wire connections and total panel
components, using up to 57 percent less panel
space and reducing installation time and labor
by an average of 33 percent when compared
with traditional fuse block/power distribution
block solutions.
A 200,000 amps withstand rating helps achieve
a higher assembly short-circuit current rating
(SCCR) for compliance with NEC® sections
110.10, 409.110(4), 409.22, 440.4(B), 670.3(A)(4)
and 670.5.
Optional see-through cover enhances safety
with IP20 finger-safe protection, lockout/tagout
capability and open circuit indication.
Available in 1-, 2- and 3-pole configurations to
meet stocking requirements.
To reduce inventory, assembly time and labor,
modular single-pole blocks snap-together for
tool-less assembly of multiple poles at point of
use.
DIN-Rail and panel mount versatility allows one
product to be used for multiple applications
without incurring additional inventory cost.


Similar Part No. - RM25060-3MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-3CR COOPER-RM25060-3CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM25060-3MW14

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com