Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM25060-3MW12 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # RM25060-3MW12
Description  Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25060-3MW12 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  RM25060-3MW12 Datasheet HTML 1Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 2Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 8Page - Cooper Bussmann, Inc. RM25060-3MW12 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Technical Data 10491
Effective June 2016
Class R 250 V and 600 V ferrule power distribution fuse blocks
Eaton.com/bussmannseries
Catalog numbers:
Catalog no.
Optional
covers*
Fuse
amp
range
Poles
Lineside (conductors per port)
Loadside (conductors per port)
Conductors
Ports/
pole
Torque AWG
N•m
(lb-in)
Conductors
Ports/
pole
Torque
AWG
N•m
(lb-in)
250 Volts
RM25060-1MW12
N/A
35 - 60
1
Cu 2-14
Al 2-8
2
2-4
5.6 (50)
Cu 2-14
Al 2-8
1
2-3
5.6 (50)
RM25060-2MW12
2
6-10
4.5 (40)
4-6
5.1 (45)
RM25060-3MW12
3
12-14
1.7 (15)
8
4.5 (40)
10-14
4.0 (35)
RM25060-1MW14
CVR-RH-25060
CVRI-RH-25060**
1
Cu 2-14
Al 2-8
1
2-3
5.6 (50)
Cu (1) 8-14
Cu (2) 12-14***
Al (1) 8 Str
Al (1) 10 Sol
4
Cu (1) 8
3.4 (30)
RM25060-2MW14
2
4-6
5.1 (45)
Cu (1) 10-14 2.8 (25)
RM25060-3MW14
3
8
4.5 (40)
Cu (2) 12-14 3.4 (30)
10-14
4.0 (35)
Al (1) 8-10
3.4 (30)
RM25060-1MW24
N/A
1
Cu 2-14
Al 2-8
2
2-4
5.6 (50)
Cu (1) 8-14
Cu (2) 12-14***
Al (1) 8 Str
Al (1) 10 Sol
4
Cu (1) 8
3.4 (30)
RM25060-2MW24
2
6-10
4.5 (40)
Cu (1) 10-14 2.8 (25)
RM25060-3MW24
3
12-14
1.7 (15)
Cu (2) 12-14 3.4 (30)
Al (1) 8-10
3.4 (30)
600 Volts
RM60030-1MW14
N/A
up to 30
1
Cu 2-14
Al 2-8
1
2-3
5.6 (50)
Cu (1) 8-14
Cu (2) 12-14***
Al (1) 8 Str
Al (1) 10 Sol
4
Cu (1) 8
3.4 (30)
RM60030-2MW14
2
4-6
5.1 (45)
Cu (1) 10-14 2.8 (25)
RM60030-3MW14
3
8
4.5 (40)
Cu (2) 12-14 3.4 (30)
10-14
4.0 (35)
Al (1) 8-10
3.4 (30)
RM60060-1MW12
CVR-RH-60060
CVRI-RH-60060** 35-60
1
Cu 2-14
Al 2-8
2
2-4
5.6 (50)
Cu 2-14
Al 2-8
1
2-3
5.6 (50)
RM60060-2MW12
2
6-10
4.5 (40)
4-6
5.1 (45)
RM60060-3MW12
3
12-14
1.7 (15)
8
4.5 (40)
10-14
4.0 (35)
RM60060-1MW14
1
Cu 2-14
Al 2-8
1
2-3
5.6 (50)
Cu (1) 8-14
Cu (2) 12-14***
Al (1) 8 Str
Al (1) 10 Sol
4
Cu (1) 8
3.4 (30)
RM60060-2MW14
2
4-6
5.1 (45)
Cu (1) 10-14 2.8 (25)
RM60060-3MW14
3
8
4.5 (40)
Cu (2) 12-14 3.4 (30)
10-14
4.0 (35)
Al (1) 8-10
3.4 (30)
RM60060-1MW24
1
Cu 2-14
Al 2-8
2
2-4
5.6 (50)
Cu (1) 8-14
Cu (2) 12-14***
Al (1) 8 Str
Al (1) 10 Sol
4
Cu (1) 8
3.4 (30)
RM60060-2MW24
2
6-10
4.5 (40)
Cu (1) 10-14 2.8 (25)
RM60060-3MW24
3
12-14
1.7 (15)
Cu (2) 12-14 3.4 (30)
Al (1) 8-10
3.4 (30)
*
Order one cover per pole.
**
With open fuse indication. 90 V minimum and closed circuit required for illumination.
*** Dual wire rated lugs with same wire size and stranding.
Rated for use with 75°C/90°C Cu/Al conductors.


Similar Part No. - RM25060-3MW12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-3CR COOPER-RM25060-3CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM25060-3MW12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com