Electronic Components Datasheet Search |
|
PV-3A14LF Datasheet(PDF) 1 Page - Cooper Bussmann, Inc. |
|
PV-3A14LF Datasheet(HTML) 1 Page - Cooper Bussmann, Inc. |
1 / 4 page Technical Data 1172 Effective June 2015 Supersedes May 2014 BUSSMANN SERIES 14x65mm photovoltaic fuses — 1500/1300Vdc, 2.25-32A Catalog symbols / mounting style: • PV-(amp)A14LF (cylindrical) • PV-(amp)A14L-T (cylindrical with tags) • PV-(amp)A14LF10F (cylindrical with 10mm fixings) • PV-(amp)A-CT__ (in-line with crimp terminals) Description: Eaton’s Bussmann® series of 14x65mm package PV fuses are specifically designed for protecting and isolating photovoltaic strings. These fuse links are capable of interrupting low overcurrents asso- ciated with faulted PV systems (reverse current, multi-array fault). Available with four mounting styles for application flexibility. Basic fuse size • 14x65mm Ratings • Volts • 1500Vdc (2.25-20A) • 1300Vdc (25-32A) • Amps 2.25-32A • Interrupting rating 10kA • Time constant 1-3ms Operating class • gPV and UL PV fuse links Agency information • UL Listed 2579* • IEC 60269-6 gPV • CSA pending • CCC pending • RoHS compliant * Crimp terminal version is UL Recognized to UL 2579. Packaging (carton quantity): • PV-(amp)A14LF, PV-(amp)A14L-T, PV-(amp)A14LF10F: 10 • PV-(amp)A-CT: 75 Technical data PV fuse coordination with thin film cells, and 4”, 5” and 6” crystalline silicon cells. Features: • Specifically designed to provide fast-acting pro- tection under low fault current conditions asso- ciated with PV systems • High DC voltage rating • Variety of mounting options for flexibility • Demonstrated performance in extreme tem- perature cycling conditions • Wide range of available amp ratings makes it easy to standardize wire harness protection • Fuses meet UL and IEC photovoltaic standards for global product acceptance • Low watts loss for greater PV system efficiency • Low heat rise permits more precise sizing for greater electrical protection • In-line crimp terminal version is easy to apply in wire harness construction. Typical applications: • Combiner boxes • Inverters • PV wire harnesses 31.8 (1.25) 3.2 (0.125) 6.4 (0.25) |
Similar Part No. - PV-3A14LF |
|
Similar Description - PV-3A14LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |