Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-5H-5A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SR-5H-5A
Description  300V Subminiature Radial Leaded, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SR-5H-5A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SR-5H-5A Datasheet HTML 1Page - Cooper Bussmann, Inc. SR-5H-5A Datasheet HTML 2Page - Cooper Bussmann, Inc. SR-5H-5A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• Radial leaded time-delay thru-hole fuse
• Designed to IEC 60127-3, Sheet 4
• Ideal for electronic lighting ballasts
• cURus Recognized at 300V/100A
• Internationally accepted for primary and secondary overcurrent
protection
• Place directly into PCB or plug into BK/PCS holder
• High inrush withstand capability
• Compatible with leaded and lead-free reflow and wave solder
• Plastic base/cap, UL 94V0
• Halogen Free and Lead Free
• Pins are tin-plated copper
Agency Information
• cURus: File E19180 JDYX2, JDYX8
• KC: SU05011-9005 1A~2.5A, SU05011-9006A 3.15A~5A
• PSE+JET: JET1641-31007-1006 1~5A, JET1641-31007-1007 6.3A
• CCC: 2009010207369246 1~4A
• CQC: CQC09012036744 5A
• SEMKO: 1023114 1A~5A
• VDE: File 40020842
• VDE Acceptance: File 40020843
Specifications
• Solderability: EIA-186-9E Method 9
• High Frequency Vibration: MIL-STD-202F, Method 201A
• Operating Temperature: -40°C to +125°C
• Soldering Heat Resistance: 260°C, 10S (IEC 60068-2-20)
Ordering
• Specify product and packaging code (i.e., SR-5H-1A-BK2)
300V Subminiature Radial Leaded, Time-Delay Fuses
SR-5H Series
0813
BU-SB11805
Page 1 of 3
Data Sheet 4360
Pb
HALOGEN
HF
FREE
Radial Leaded Device
ElectricalCharacteristics
Rated
1.5 In 2.1 In
2.75 In
4 In
10 In
Current
min
max
min
max
min
max
min
max
400mA-5A 60 min 2 min 400 ms 10 sec 150 ms 3 sec 20 ms 150 ms
Specifications
Voltage
Interrupting
Typical DC Cold
Typical
Voltage Drop
Part
Rating
Rating (amps)@
Resistance
Melting
(mV) @ 20ºC
Agency Information
Number
(Vac)*
Rated Voltage
(W)I
2t
Rated Current
VDE
SEMKO
cURus* CCC
KC-Mark
PSE*
SR-5H-400mA
300
100
0.285
0.771618
127
X
SR-5H-500mA
300
100
0.24
2
143
X
SR-5H-630mA
300
100
0.162
3.5
120
X
SR-5H-800mA
300
100
0.113
6.5
107
X
SR-5H-1A
300
100
0.081
7.5
93
XX
X
X
X
X
SR-5H-1.25A
300
100
0.06
13
88
XX
X
X
X
X
SR-5H-1.6A
300
100
0.043
24
85
XX
X
X
X
X
SR-5H-2A
300
100
0.031
30
74
XX
X
X
X
X
SR-5H-2.5A
300
100
0.025
45
75
XX
X
X
X
X
SR-5H-3.15A
300
100
0.018
57
73
XX
X
X
X
X
SR-5H-4A
300
100
0.013
80
65
XX
X
X
X
X
SR-5H-5A
300
100
0.007
115
45
X**
XX
X***
XX
* cURus: 400mA - 5A @ 300Vac/100A; PSE: 1 - 5A @ 300Vac/100A
Voltage rating 250Vac
** Acceptance
*** CQC


Similar Part No. - SR-5H-5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5H-5A ETC2-SR-5H-5A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
More results

Similar Description - SR-5H-5A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SS-5H ETC2-SS-5H Datasheet
341Kb / 3P
   300V Subminiature, Radial Leaded, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5-1A-AP COOPER-SR-5-1A-AP Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SS-5-1A COOPER-SS-5-1A Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com