Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHJ-W Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # UHJ-W
Description  250V and 600V cable limiters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

UHJ-W Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  UHJ-W Datasheet HTML 1Page - Cooper Bussmann, Inc. UHJ-W Datasheet HTML 2Page - Cooper Bussmann, Inc. UHJ-W Datasheet HTML 3Page - Cooper Bussmann, Inc. UHJ-W Datasheet HTML 4Page - Cooper Bussmann, Inc. UHJ-W Datasheet HTML 5Page - Cooper Bussmann, Inc. UHJ-W Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
Catalog
symbol
Copper
cable size
A
B
C
D
E
F
G
H
J
KQV
12AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.19 (4.8)
0.125 (3.2)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KQT
10AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.14 (3.6)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KFZ
8AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.23 (6.0)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KIG
6AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.16 (4.0)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDY
4AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDA
2AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDB
1AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
3.31 (84.1)
0.72 (18.3)
0.19 (4.8)
1.125 (28.6)
KDC
1/0AWG
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDD
2/0AWG
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.56 (14.3)
0.44 (11.1)
3.38 (85.7)
0.88 (22.2)
0.25 (6.4)
1.125 (28.6)
KDE
3/0AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDF
4/0AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDH
250kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
3.38 (85.7)
0.97 (24.6)
0.25 (6.4)
1.125 (28.6)
KDJ†
350kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
3.38 (85.7)
1.06 (27.0)
0.25 (6.4)
1.125 (28.6)
KDM*,†
500kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
3.38 (85.7)
1.19 (30.2)
0.25 (6.4)
1.63 (41.3)
KDU
600kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.16 (29.4)
0.92 (23.4)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
KDR*, ††
750kcmil
3.5 (88.9)
3.75 (95.2)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
3.5 (88.9)
1.5 (38.1)
0.25 (6.4)
2.0 (50.8)
* UL Listed, File E90818, 600Vac, 200kA I.R.
† Available with molded rubber boot “-B” suffix. Boot can be purchased separately, order Part# - BOOT-KDM
††Available with shrink tube “–V” suffix.
A
C
E
D
B
F
G
H
J
1.63"
(41.3mm)
0.56"
(14.3mm)
0.56"
(14.3mm)
0.125"
(3.18mm)
Bolt
terminal
detail
Terminals:
Tube-to-offset bolt — copper conductor only
Dimensions - in (mm)


Similar Part No. - UHJ-W

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UHJ-W EATON-UHJ-W Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
More results

Similar Description - UHJ-W

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
   LFCL CABLE LIMITERS
Rev: 101017
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Littelfuse
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
   Cable Limiters - 600 Volts AC
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com