Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKB4000 Datasheet(PDF) 7 Page - Ericsson

Part # PKB4000
Description  DC/DC converters, Input 36-75 V, Output 30 A/90 W
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4000 Datasheet(HTML) 7 Page - Ericsson

Back Button PKB4000 Datasheet HTML 3Page - Ericsson PKB4000 Datasheet HTML 4Page - Ericsson PKB4000 Datasheet HTML 5Page - Ericsson PKB4000 Datasheet HTML 6Page - Ericsson PKB4000 Datasheet HTML 7Page - Ericsson PKB4000 Datasheet HTML 8Page - Ericsson PKB4000 Datasheet HTML 9Page - Ericsson PKB4000 Datasheet HTML 10Page - Ericsson PKB4000 Datasheet HTML 11Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
4 (5)
Prepared (also subject responsible if other)
No.
ESECZHW
2/1301-BMR 636 01/E4 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZYPING
2009-8-5
A
1.0 V/30 A Typical Characteristics
PKB 4318N PINB
Start-up
Shut-down
Start-up enabled by connecting V
I at:
T
ref = +25°C, VI = 53 V,
I
O = 30 A resistive load.
Top trace: output voltage (0.5 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (5 ms/div.).
Shut-down enabled by disconnecting V
I at:
T
ref = +25°C, VI = 53 V,
I
O = 30 A resistive load.
Top trace: output voltage (0.5 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (0.5 ms/div.).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
T
ref = +25°C, VI = 53 V,
I
O = 30 A resistive load.
Trace: output voltage (20 mV/div.).
Time scale: (2 μs/div.).
Output voltage response to load current step-
change (7.5-22.5-7.5 A) at:
T
ref =+25°C, VI = 53 V.
Top trace: output voltage (100 mV/div.).
Bottom trace: load current (30 A/div.).
Time scale: (0.1 ms/div.).
Output Voltage Adjust (see operating information)
Passive adjust
The resistor value for an adjusted output voltage is calculated by
using the following equations:
For a desired change of the nominal output voltage, the value of the
resistor should be
)
(
1
Ω
=
k
V
V
V
Radj
adj
oi
adj
Where
adj
V
is adjusted output voltage, and
oi
V is initial output
voltage.
Vertical bars indicate absolute value.
E
PKB 4000 series
DC/DC converters, Input 36-75 V, Output 30 A/90 W
EN/LZT 146 394 R5D October 2013
© Ericsson AB
Technical Specification
7


Similar Part No. - PKB4000

ManufacturerPart #DatasheetDescription
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results

Similar Description - PKB4000

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Texas Instruments
PTMA403033 TI-PTMA403033 Datasheet
1Mb / 33P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Ericsson
PKY2616PIM ERICSSON-PKY2616PIM Datasheet
595Kb / 17P
   PKY 2000 PI series DC/DC converters, Input 18-36 V, Output 21.5 A/600 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com