Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN302HLMY_F117 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN302HLMY_F117
Description  PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN302HLMY_F117 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN302HLMY_F117 Datasheet HTML 1Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 2Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 3Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 4Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 5Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 6Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 7Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 8Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN302HLMY_F117 • Rev. 1.0.1
FAN302HLMY_F117
PWM Controller for Low Standby Power Battery-
Charger Applications — mWSaver™ Technology
Features
mWSaver™ Technology Provides Industry’s
Best-in-Class Standby Power
-
Achieves <10mW Below Energy Star’s 5-Star
Level: <30mW
-
Proprietary 500V High-Voltage JFET Startup
Reduces Startup Resistor Loss
-
Low Operation Current in Burst Mode:
350µA Maximum
Constant-Current (CC) Control without Secondary-
Feedback Circuitry
Fixed PWM Frequency at 85kHz with Frequency
Hopping to Reduce EMI
High-Voltage Startup
Low Operating Current: 3.5mA
Peak-Current-Mode Control with Slope
Compensation
Cycle-by-Cycle Current Limiting
VDD Over-Voltage Protection (Auto-Restart)
VS Over-Voltage Protection (Latch Mode)
VDD Under-Voltage Lockout (UVLO)
Gate Output Maximum Voltage Clamped at 15V
Fixed Over-Temperature Protection (Latch Mode)
Available in an 8-Lead SOIC Package
Applications
Battery Chargers for Cellular Phones, Cordless
Phones, PDAs, Digital Cameras, and Power Tools
Replaces Linear Regulators and RCC SMPS
Description
The FAN302HLMY_F117 advanced PWM controller
significantly simplifies isolated power supply design that
requires CC regulation of the output. The output current
is precisely estimated with information in the primary
side of the transformer and controlled with an internal
compensation circuit. This removes the output current
sensing loss and eliminates all external Control Circuitry
(CC). The Green-Mode function, with an extremely low
operating current (200µA) in Burst Mode, maximizes the
light-load efficiency, enabling conformance to worldwide
Standby Mode efficiency guidelines.
Integrated protections include two-level pulse-by-pulse
current limit, Over-Voltage Protection (OVP), brownout
protection, and Over-Temperature Protection (OTP).
Compared with a conventional approach using an
external control circuit in the secondary side for CC
regulation, the FAN302HLMY_F117 can reduce total
cost, component count, size, and weight; while
simultaneously increasing efficiency, productivity, and
system reliability.
Figure 1. Typical Output V-I Characteristic
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FAN302HLMY_F117
-40
°C to +105°C
8-Lead, Small Outline Package (SOIC),
JEDEC MS-012, .150-Inch Narrow Body
Tape & Reel
IO
VO
Maximum
Typical
Minimum


Similar Part No. - FAN302HLMY_F117

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results

Similar Description - FAN302HLMY_F117

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com