Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1553 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1553
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1553 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1553 Datasheet HTML 2Page - Dallas Semiconductor DS1553 Datasheet HTML 3Page - Dallas Semiconductor DS1553 Datasheet HTML 4Page - Dallas Semiconductor DS1553 Datasheet HTML 5Page - Dallas Semiconductor DS1553 Datasheet HTML 6Page - Dallas Semiconductor DS1553 Datasheet HTML 7Page - Dallas Semiconductor DS1553 Datasheet HTML 8Page - Dallas Semiconductor DS1553 Datasheet HTML 9Page - Dallas Semiconductor DS1553 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
6 of 19
was issued. Normal updates to the external set of registers resume within 1 second after the read bit is set
to 0 for a minimum of 500
ms. The read bit must be 0 for a minimum of 500ms to ensure the external
registers are updated.
SETTING THE CLOCK
The 8th bit, B7 of the Control register, is the write bit. Setting the write bit to 1, like the read bit, halts
updates to the DS1553 (1FF8h–1FFFh) registers. After setting the write bit to 1, RTC registers can be
loaded with the desired RTC count (day, date, and time) in 24-hour BCD format. Setting the write bit to 0
then transfers the values written to the internal RTC registers and allows normal operation to resume.
CLOCK ACCURACY (DIP MODULE)
The DS1553 is guaranteed to keep time accuracy to within
±1 minute per month at +25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. The electrical environment also affects clock accuracy and caution should be taken to place the
RTC in the lowest level EMI section of the PC board layout. For additional information, refer to
Application Note 58: Crystal Considerations with Dallas Real-Time Clocks on our website at
www.maxim-ic.com/appnoteindex.com.
CLOCK ACCURACY (PowerCap MODULE)
The DS1553 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module typically keeps time accuracy to within
±1.53 minutes per month (35ppm) at +25°C. The
electrical environment affects clock accuracy and caution should be taken to place the RTC in the lowest
level EMI section of the PC board layout. For additional information, refer to Application Note 58:
Crystal Considerations with Dallas Real-Time Clocks on our website at www.maxim-
ic.com/appnoteindex.com.
FREQUENCY TEST MODE
The DS1553 frequency test mode uses the open-drain IRQ /FT output. With the oscillator running, the
IRQ
/FT output toggles at 512Hz when the FT bit is 1, the Alarm Flag Enable bit (AE) is 0, and the
Watchdog Steering bit (WDS) is 1 or the Watchdog register is reset (Register 1FF7h = 00h). The IRQ /FT
output and the frequency test mode can be used as a measure of the actual frequency of the 32.768kHz
RTC oscillator. The IRQ /FT pin is an open-drain output that requires a pullup resistor for proper
operation. The FT bit is cleared to 0 on power-up.
USING THE CLOCK ALARM
The alarm settings and control for the DS1553 reside within registers 1FF2h–1FF5h. Register 1FF6h
contains two alarm-enable bits: Alarm Enable (AE) and Alarm in Backup Enable (ABE). The AE and
ABE bits must be set as described below for the IRQ /FT output to be activated for a matched alarm
condition.
The alarm can be programmed to activate on a specific day of the month or repeat every day, hour,
minute, or second. It can also be programmed to go off while the DS1553 is in the battery-backed state of
operation to serve as a system wakeup. Alarm mask bits AM1–AM4 control the alarm mode. Table 3
shows the possible settings. Configurations not listed in the table default to the once-per-second mode to
notify the user of an incorrect alarm setting.


Similar Part No. - DS1553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1553 MAXIM-DS1553 Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
DS1553-100++ MAXIM-DS1553-100+ Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
DS1553-85++ MAXIM-DS1553-85+ Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
DS1553P-100++ MAXIM-DS1553P-100+ Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
DS1553P-85++ MAXIM-DS1553P-85+ Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
More results

Similar Description - DS1553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1553 MAXIM-DS1553 Datasheet
295Kb / 20P
   64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
Rev 8/10
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
logo
Dallas Semiconductor
DS1556 DALLAS-DS1556 Datasheet
514Kb / 20P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com