Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN601DMK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN601DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601DMK Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN601DMK_16 Datasheet HTML 1Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 2Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 3Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 4Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 5Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 6Page - Diodes Incorporated DMN601DMK_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN601DMK
Document number: DS30657 Rev. 6 - 2
3 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMN601DMK
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
10
µA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
V
VDS = 10V, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
2.4
4.0
VGS = 10V, ID = 200mA
VGS = 4V, ID = 200mA
Forward Transfer Admittance
|Yfs|
100
mS
VDS =10V, ID = 200mA
Diode Forward Voltage
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
30
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
5
25
pF
Reverse Transfer Capacitance
Crss
3
5.0
pF
Gate Resistance
Rg
133
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
304
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
84
Gate-Drain Charge
Qgd
203
Turn-On Delay Time
tD(ON)
3.9
nS
VDS = 30V, ID = 0.2A,
VGS = 10V, RG = 25Ω, RL = 150Ω
Turn-On Rise Time
tR
3.4
Turn-Off Delay Time
tD(OFF)
15.7
Turn-Off Fall Time
tF
9.9
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing
.


Similar Part No. - DMN601DMK_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN601DMK DIODES-DMN601DMK_15 Datasheet
166Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN601DMK_16

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com