Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN55D0UT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN55D0UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN55D0UT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN55D0UT_16 Datasheet HTML 1Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 2Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 3Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 4Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 5Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 6Page - Diodes Incorporated DMN55D0UT_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN55D0UT
Document number: DS31330 Rev. 6 - 2
2 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DMN55D0UT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
12
V
Drain Current (Note 6) Continuous
ID
160
mA
Pulsed Drain Current (Note 6)
IDM
560
mA
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance, Junction to Ambient
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
50
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 50V, VGS = 0V
Gate-Source Leakage
IGSS
1.0
5.0
µA
VGS = 8V, VDS = 0V
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.7
0.8
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
3.1
4
VGS = 4V, ID = 100mA
4
5
VGS = 2.5V, ID = 80mA
Forward Transconductance
gFS
180
mS
VDS = 10V, ID = 100mA, f = 1.0KHz
Diode Forward Voltage
VSD
0.70
1.3
V
VGS = 0V, IS = 100mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
25
pF
VDS = 10V, VGS = 0V, f = 1.0MHz
Output Capacitance
COSS
5
pF
Reverse Transfer Capacitance
CRSS
2.1
pF
Gate Resistance
RG
500
f = 1MHz , VGS = 0V, VDS = 0V
Total Gate Charge (VGS = 4V)
QG
295
pC
VDS = 10V,
ID = 100mA
Total Gate Charge (VGS = 8V)
QG
636
pC
Gate-Source Charge
QGS
72
pC
Gate-Drain Charge
QGD
18
pC
Turn-On Delay Time
tD(ON)
6.0
ns
VDD = 10V, VGS = 4V,
RG = 25Ω, ID = 100mA
Turn-On Rise Time
tR
4.4
ns
Turn-Off Delay Time
tD(OFF)
23.4
ns
Turn-Off Fall Time
tF
11.0
ns
Notes:
6. Device mounted on FR-4 PCB, with minimum recommended pad layout.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN55D0UT_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN55D0UT DIODES-DMN55D0UT_15 Datasheet
152Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN55D0UT_16

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com