Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F040T Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT49F040T
Description  4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040T Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49F040T Datasheet HTML 4Page - ATMEL Corporation AT49F040T Datasheet HTML 5Page - ATMEL Corporation AT49F040T Datasheet HTML 6Page - ATMEL Corporation AT49F040T Datasheet HTML 7Page - ATMEL Corporation AT49F040T Datasheet HTML 8Page - ATMEL Corporation AT49F040T Datasheet HTML 9Page - ATMEL Corporation AT49F040T Datasheet HTML 10Page - ATMEL Corporation AT49F040T Datasheet HTML 11Page - ATMEL Corporation AT49F040T Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AT49F040/040T
12
Ordering Information
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
50
0.1
AT49F040T-70JC
AT49F040T-70PC
AT49F040T-70TC
32J
32P6
32T
Commercial
(0
° to 70°C)
50
0.3
AT49F040T-70JI
AT49F040T-70PI
AT49F040T-70TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
90
50
0.1
AT49F040T-90JC
AT49F040T-90PC
AT49F040T-90TC
32J
32P6
32T
Commercial
(0
° to 70°C)
50
0.3
AT49F040T-90JI
AT49F040T-90PI
AT49F040T-90TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
120
50
0.1
AT49F040T-12JC
AT49F040T-12PC
AT49F040T-12TC
32J
32P6
32T
Commercial
(0
° to 70°C)
50
0.3
AT49F040T-12JI
AT49F040T-12PI
AT49F040T-12TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
Package Type
32J
32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49F040T

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12JC ATMEL-AT49F040T-12JC Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12JI ATMEL-AT49F040T-12JI Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12PC ATMEL-AT49F040T-12PC Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12PI ATMEL-AT49F040T-12PI Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F040T

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
ATMEL Corporation
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
   4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com