Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17C65A-10JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT17C65A-10JI
Description  FPGA Configuration EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C65A-10JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT17C65A-10JI Datasheet HTML 1Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 2Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 3Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 4Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 5Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 6Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 7Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 8Page - ATMEL Corporation AT17C65A-10JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AT17A Series
3
Pin Configurations
PLCC/S
OIC
DIP
Pin
Pin
Name
I/O
Description
2
1
DATA
I/O
Three-state DATA output for reading. Input/Output pin for programming.
4
2
CLK
I
Clock input. Used to increment the internal address and bit counter for reading and
programming.
8
3
RESET/OE
RESET/Output Enable input (when SER_EN is High). A low level on both the CE and
RESET/OE inputs enables the data output driver. A high level on RESET/OE resets both
the address and bit counters. A logic polarity of this input is programmable as either
RESET/OE or RESET/OE. This document describes the pin as RESET/OE.
94
CE
I
Chip Enable input. Used for device selection. A low level on both CE and OE enables the
data output driver. A high level on CE disables both the address and bit counters and
forces te device into a low-power mode. Note this pin will not enable/disable the device in
2-wire serial mode (ie; when SER_EN is low).
10
5
GND
Ground pin
12
6
CEO
O
Chip Enable Out output. This signal is asserted low on the clock cycle following the last
bit read from the memory. It will stay low as long as CE and OE are both low. It will then
follow CE until OE goes high. Thereafter, CEO will stay high until the entire PROM is
read again and senses the status of RESET polarity.
A2
I
Device selection input, A2. This is used to enable (or select) the device during
programming and when SER_EN is low (see Programming Guide for more details).
18
7
SER_EN
I
Serial enable is normally high during FPGA loading operations. Bringing SER_EN low,
enables the 2-wire serial interface for programming.
20
8
V
CC
+3.3V/+5V power supply pin.
Absolute Maximum Ratings*
Operating Temperature .................................. -55°C to +125 °C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65 °C to +150°C
Voltage on Any Pin
with Respect to Ground ............................. -0.1V to V
CC + 0.5V
Supply Voltage (V
CC) .......................................-0.5 V to + 7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.) .............260
°C
ESD (R
ZAP = 1.5K, CZAP = 100 pF)................................. 2000V


Similar Part No. - AT17C65A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17C65-10JC ATMEL-AT17C65-10JC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17C65-10JI ATMEL-AT17C65-10JI Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17C65-10PC ATMEL-AT17C65-10PC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17C65-10PI ATMEL-AT17C65-10PI Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
More results

Similar Description - AT17C65A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP_05 Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com