Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3685A Datasheet(PDF) 4 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 4 Page - ams AG

  AS3685A_16 Datasheet HTML 1Page - ams AG AS3685A_16 Datasheet HTML 2Page - ams AG AS3685A_16 Datasheet HTML 3Page - ams AG AS3685A_16 Datasheet HTML 4Page - ams AG AS3685A_16 Datasheet HTML 5Page - ams AG AS3685A_16 Datasheet HTML 6Page - ams AG AS3685A_16 Datasheet HTML 7Page - ams AG AS3685A_16 Datasheet HTML 8Page - ams AG AS3685A_16 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-23] 2016-Mar-30
AS3685A/AS3685B − Pin Assignment
Note(s):
1. Pin Type Descriptions:
AI/O: Analog Pin
DI: Digital Input
S: Supply Pin
WL-CSP (2x1.5mm)
Figure 5:
WL-CSP (2x1.5mm) Pin Diagram
8
C2+
AI/O
Flying Capacitor 2 connection – connect 1
μF ceramic capacitor CFLY2
between C2- and C2+
9
ILED
AI/O
Current Source input pin – connect flash LED cathode to this pin
10
C1-
AI/O
Flying capacitor 1 connection – connect 1
μF ceramic capacitor CFLY1
between C1- and C1+
Exposed
Pad
VSS
S
Ground Connection – a proper thermal connection with several vias
to the ground plane is recommended
Pin
Number
Pin
Name
Type
Description
C1+ C1- C2+ C2-
VCP
ILED
AS3685A
AS3685B
ISET
VBAT
EN1
EN2
VSS
D1
D2
A2,D3
C1
C2
C3
B1
B2
B3
A1
A3


Similar Part No. - AS3685A_16

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A_16

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
logo
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com