Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3685A Datasheet(PDF) 33 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 33 Page - ams AG

Back Button AS3685A_16 Datasheet HTML 29Page - ams AG AS3685A_16 Datasheet HTML 30Page - ams AG AS3685A_16 Datasheet HTML 31Page - ams AG AS3685A_16 Datasheet HTML 32Page - ams AG AS3685A_16 Datasheet HTML 33Page - ams AG AS3685A_16 Datasheet HTML 34Page - ams AG AS3685A_16 Datasheet HTML 35Page - ams AG AS3685A_16 Datasheet HTML 36Page - ams AG AS3685A_16 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
ams Datasheet
Page 33
[v2-23] 2016-Mar-30
Document Feedback
AS3685A/AS3685B − Ordering & Contact Information
The devices are available as the standard products shown in
Figure 48.
Figure 48:
Ordering Information
Note(s):
1. If 1000mA flash LED current is used it is usually required to allow 1:2 mode (due to the high forward voltage of the LED).
Description:
AS3685V-ZPPT-2X80
V …
AS3685 Interface Version:
A = AS3685A: Direct control to select three different
currents.
B = AS3685B: Single or two pin interface with strobe;
17 different current settings.
-
Z …
Temperature Range: Z = -30°C to 85°C
PP …
Package: WL = Wafer Level Chip Scale Package
DF = DFN10
T …
Delivery Form: T = Tape & Reel
-
2X …
Charge Pump Mode Locking:
2N = 1:2 mode locked (device can only use 1:1 and
1:1.5 mode)
2Y = 1:2 mode available (device can use 1:1, 1:1.5 and
1:2 mode)
80 …
Flash Timeout Time Programming
80 = 800ms flash timeout time
Ordering
Code
Description
Marking
Package
Delivery
Form
Delivery
Quantity
AS3685A-
ZWLT-2N80
AS3685A interface version,
800ms flash timeout,
1:2 mode locked
AS3685A
WL-CSP
2x1.5mm
Tape & Reel
6000 pcs/reel
AS3685A-
ZWLT-2Y80
AS3685A interface version,
800ms flash timeout,
1:2 mode enabled (1)
AS3685A2
WL-CSP
2x1.5mm
Tape & Reel
6000 pcs/reel
AS3685A-
ZDFT-2Y80
AS3685A interface version,
800ms flash timeout,
1:2 mode enabled (1)
AS8A
DFN 10
3x3mm
Tape & Reel
6000 pcs/reel
AS3685B-
ZDFT-2Y80
AS3685B interface version,
800ms flash timeout,
1:2 mode enabled
AS8B
DFN 10
3x3mm
Tape & Reel
6000 pcs/reel
Ordering & Contact Information


Similar Part No. - AS3685A_16

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A_16

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
logo
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com