Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES050BF6S Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # LDES050BF6S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES050BF6S Datasheet(HTML) 1 Page - Sensortechnics GmbH

  LDES050BF6S Datasheet HTML 1Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 2Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 3Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 4Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 5Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 6Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 7Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 8Page - Sensortechnics GmbH LDES050BF6S Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
E / 11815 / E
1/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
FEATURES
· Pressure ranges from 25 to 500 Pa (0.1 to 2 inH
2O)
· Pressure sensor based on thermal micro-flow
measurement
· High flow impedance
→ very low flow-through leakage
→ high immunity to dust and humidity
→ no loss in sensitivity using long tubing
· Calibrated and temperature compensated
· Unique offset autozeroing feature ensuring
superb long-term stability
· Offset accuracy better than 0.2 %FS
· Total accuracy better than 0.5 %FS typical
· On-chip temperature sensor
· Analog output and digital SPI interface
· RoHS and REACH compliant
· Quality Management System according to
EN ISO 13485 and EN ISO 9001
ELECTRICAL CONNECTION3
MEDIA COMPATIBILITY
Air and other non-corrosive gases
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
LDE...3...
2.70 ... 3.60 V
DC
LDE...6...
4.75 ... 5.25 V
DC
Output current
1 mA
Lead specifications
Average preheating temperature gradient
2.5 K/s
Soak time
ca. 3 min
Time above 217 °C
50 s
Time above 230 °C
40 s
Time above 250 °C
15 s
Peak temperature
260 °C
Cooling temperature gradient
-3.5 K/s
Temperature ranges
Compensated
0 ... +70 °C
Operating
-20 ... +80 °C
Storage
-40 ... +80 °C
Humidity limits (non-condensing)
97 %RH
Vibration1
20 g
Mechanical shock2
500 g
10 9 8 7 6
1 2 3 4 5
Specification notes:
1.
Sweep 20 to 2000 Hz, 8 min, 4 cycles per axis, MIL-STD-883, Method 2007.
2.
5 shocks, 3 axes, MIL-STD-883E, Method 2002.4.
3.
The maximum voltage applied to pin 1 and pins 6 through 10 should not exceed V
S+0.3 V.
There are three use cases that will change
the manner in which the LDE sensor is
connected in-circuit. For detailed pin
connections see page 12.
n
i
Pn
o
i
t
c
n
u
F
1d
e
v
r
e
s
e
R
2VS
3D
N
G
4t
u
o
V
5t
u
o
V
6K
L
C
S
7I
S
O
M
8O
S
I
M
9S
C
/
0
1d
e
v
r
e
s
e
R
Top-down view


Similar Part No. - LDES050BF6S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES050BF6S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com