Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES050UF3S Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # LDES050UF3S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES050UF3S Datasheet(HTML) 4 Page - Sensortechnics GmbH

  LDES050UF3S Datasheet HTML 1Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 2Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 3Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 4Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 5Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 6Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 7Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 8Page - Sensortechnics GmbH LDES050UF3S Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
E / 11815 / E
4/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS6
LDE...6...
(V
S=5.0 VDC, TA=20 °C, PAbs=1 bara, calibrated in air, output signals analog and digital are non-ratiometric to VS)
all 100 Pa, 250 Pa and 500 Pa devices
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
)
S
M
R
(
l
e
v
e
l
e
s
i
o
N1
0
.
0
±S
S
F
%
t
f
i
h
s
p
u
-
m
r
a
w
t
e
s
f
f
O
e
s
i
o
n
n
a
h
t
s
s
e
l
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
l
t
e
s
f
f
O
7
5
0
.
0
±1
.
0
±r
a
e
y
/
S
S
F
%
y
t
il
i
b
a
t
a
e
p
e
r
t
e
s
f
f
O
2
1
2
0
.
0
±a
P
y
t
il
i
b
a
t
a
e
p
e
r
n
a
p
S
1
1
,
0
1
5
2
.
0
±
g
n
i
d
a
e
r
f
o
%
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
8
78
A
m
t
(
e
m
i
t
e
s
n
o
p
s
e
R
3
6
)5
s
m
e
m
i
t
n
o
-
r
e
w
o
P
5
2
Analog output (unidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z9
4
.
00
5
.
01
5
.
0
V
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
5
.
4
y
c
a
r
u
c
c
a
n
a
p
S
1
1
,
0
1
4
.
0
±5
7
.
0
±g
n
i
d
a
e
r
f
o
%
s
t
c
e
f
f
e
l
a
m
r
e
h
Tt
e
s
f
f
OC
°
5
5
.
.
.
50
1
±
V
m
C
°
0
7
.
.
.
02
1
±
n
a
p
SC
°
5
5
.
.
.
51
±5
7
.
1
±
g
n
i
d
a
e
r
f
o
%
C
°
0
7
.
.
.
02
±5
7
.
2
±
Analog output (bidirectional devices)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z9
4
.
20
5
.
21
5
.
2
V
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a0
5
.
4
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a0
5
.
0
y
c
a
r
u
c
c
a
n
a
p
S
1
1
,
0
1
4
.
0
±5
7
.
0
±g
n
i
d
a
e
r
f
o
%
s
t
c
e
f
f
e
l
a
m
r
e
h
Tt
e
s
f
f
OC
°
5
5
.
.
.
50
1
±
V
m
C
°
0
7
.
.
.
02
1
±
n
a
p
SC
°
5
5
.
.
.
51
±5
7
.
1
±
g
n
i
d
a
e
r
f
o
%
C
°
0
7
.
.
.
02
±5
7
.
2
±
Digital output
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
r
o
t
c
a
f
e
l
a
c
S)
t
u
p
t
u
o
l
a
t
i
g
i
d
(
9
.
.
.
0
/
0
0
1
.
.
.
0a
P
0
0
1
±0
0
3
a
P
/
s
t
n
u
o
c
.
.
.
0
/
0
5
2
.
.
.
0a
P
0
5
2
±0
2
1
.
.
.
0
/
0
0
5
.
.
.
0a
P
0
0
5
±0
6
y
c
a
r
u
c
c
a
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
0
1
5
0
.
0
±1
.
0
±S
S
F
%
y
c
a
r
u
c
c
a
n
a
p
S
1
1
,
0
1
4
.
0
±5
7
.
0
±g
n
i
d
a
e
r
f
o
%
s
t
c
e
f
f
e
l
a
m
r
e
h
Tt
e
s
f
f
OC
°
5
5
.
.
.
51
.
0
±
S
S
F
%
C
°
0
7
.
.
.
02
.
0
±
n
a
p
SC
°
5
5
.
.
.
51
±5
7
.
1
±
g
n
i
d
a
e
r
f
o
%
C
°
0
7
.
.
.
02
±5
7
.
2
±


Similar Part No. - LDES050UF3S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES050UF3S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com