Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTY0025D4A Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PTY0025D4A
Description  Precision differential pressure transmitters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTY0025D4A Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PTY0025D4A Datasheet HTML 1Page - Sensortechnics GmbH PTY0025D4A Datasheet HTML 2Page - Sensortechnics GmbH PTY0025D4A Datasheet HTML 3Page - Sensortechnics GmbH PTY0025D4A Datasheet HTML 4Page - Sensortechnics GmbH PTY0025D4A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
3/5
E / 11101 / B
www.first-sensor.com
www.sensortechnics.com
ELECTROMAGNETIC CAPABILITY9
LOAD LIMITATION
4...20 mA output versions
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
4
±
e
g
r
a
h
c
s
i
d
r
i
a
,
V
k
8
±
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<
Specification notes:
1.
IP 67 protection for BTE(M)5...A / PTx5...A is given with locked connector only.
2.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
3.
This is the highest pressure which can be applied to any port at any time. At the same time the differential pressure between
the ports H and L must not exceed the maximum proof pressure.
4.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
5.
Long term stability is the change in output after one year or 1 million pressure cycles.
6.
Thermal effects tested and guaranteed from 0 - 70 °C relative to 25°. All specifications shown are relative to 25°C.
7.
Full scale span is the algebraic difference between the positive full scale output and zero pressure offset.
8.
Higher pressure applied to port H.
9.
Test are in accordance with EN 61000-6-2.
10. CE-labelling is in accordance with 2004/108/EC.
11. The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
12. 0...10 V square rooting output signal on special request.


Similar Part No. - PTY0025D4A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PTYFR2501 FCI-PTYFR2501 Datasheet
500Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE
PTYFR2502 FCI-PTYFR2502 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
logo
FCI connector
PTYFR2502-2506 FCI-CONNECTOR-PTYFR2502-2506 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
First Components Intern...
PTYFR2504 FCI-PTYFR2504 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
PTYFR2506 FCI-PTYFR2506 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
More results

Similar Description - PTY0025D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com