Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES500BF3S Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # LDES500BF3S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES500BF3S Datasheet(HTML) 2 Page - Sensortechnics GmbH

  LDES500BF3S Datasheet HTML 1Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 2Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 3Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 4Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 5Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 6Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 7Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 8Page - Sensortechnics GmbH LDES500BF3S Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
E / 11815 / E
2/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
4
e
r
u
s
s
e
r
p
t
s
r
u
B
4
.
.
.
U
5
2
0
S
E
D
La
P
5
2
.
.
.
0/
r
a
b
m
5
2
.
0
.
.
.
0H
n
i
1
.
0
(
2
)
O
r
a
b
2
)
i
s
p
0
3
(
r
a
b
5
)
i
s
p
5
7
(
.
.
.
U
0
5
0
S
E
D
La
P
0
5
.
.
.
0/
r
a
b
m
5
.
0
.
.
.
0H
n
i
2
.
0
(
2
)
O
.
.
.
U
0
0
1
S
E
D
La
P
0
0
1
.
.
.
0/
r
a
b
m
1
.
.
.
0H
n
i
4
.
0
(
2
)
O
.
.
.
U
0
5
2
S
E
D
La
P
0
5
2
.
.
.
0/
r
a
b
m
5
.
2
.
.
.
0H
n
i
1
(
2
)
O
.
.
.
U
0
0
5
S
E
D
La
P
0
0
5
.
.
.
0/
r
a
b
m
5
.
.
.
0H
n
i
2
(
2
)
O
.
.
.
B
5
2
0
S
E
D
La
P
5
2
±
.
.
.
0/
r
a
b
m
5
2
.
0
±
.
.
.
0H
n
i
1
.
0
±
(
2
)
O
.
.
.
B
0
5
0
S
E
D
La
P
0
5
±
.
.
.
0/
r
a
b
m
5
.
0
±
.
.
.
0H
n
i
2
.
0
±
(
2
)
O
.
.
.
B
0
0
1
S
E
D
La
P
0
0
1
±
.
.
.
0/
r
a
b
m
1
±
.
.
.
0H
n
i
4
.
0
±
(
2
)
O
.
.
.
B
0
5
2
S
E
D
La
P
0
5
2
±
.
.
.
0/
r
a
b
m
5
.
2
±
.
.
.
0H
n
i
1
±
(
2
)
O
.
.
.
B
0
0
5
S
E
D
La
P
0
0
5
±
.
.
.
0/
r
a
b
m
5
±
.
.
.
0H
n
i
2
±
(
2
)
O
Specification notes:
4.
The max. common mode pressure is 5 bar.
5.
For example with a LDES500... sensor measuring CO
2 gas, at full-scale output the actual pressure will be 500 Pa x 0.56 = 280 Pa.
factor
correction
gas
P
P
sensor
eff
×
=
∆P
eff
= True differential pressure
∆P
sensor
= Differential pressure as indicated by output voltage
e
p
y
t
s
a
Gr
o
t
c
a
f
n
o
i
t
c
e
r
r
o
C
r
i
a
y
r
D0
.
1
O
(
n
e
g
y
x
O
2)7
0
.
1
N
(
n
e
g
o
r
t
i
N
2)7
9
.
0
)
r
A
(
n
o
g
r
A8
9
.
0
O
C
(
e
d
i
x
o
i
d
n
o
b
r
a
C
2)6
5
.
0
GAS CORRECTION FACTORS5


Similar Part No. - LDES500BF3S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES500BF3S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com