Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9106D3ML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9106D3ML
Description  PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9106D3ML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9106D3ML Datasheet HTML 1Page - Torex Semiconductor XC9106D3ML Datasheet HTML 2Page - Torex Semiconductor XC9106D3ML Datasheet HTML 3Page - Torex Semiconductor XC9106D3ML Datasheet HTML 4Page - Torex Semiconductor XC9106D3ML Datasheet HTML 5Page - Torex Semiconductor XC9106D3ML Datasheet HTML 6Page - Torex Semiconductor XC9106D3ML Datasheet HTML 7Page - Torex Semiconductor XC9106D3ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
" ELECTRICAL CHARACTERISTICS
XC9106D003MR, XC9107D003MR
(FOSC=300 (kHz)
Ta=25
OC
*1
*1
Test Conditions: Unless otherwise stated, CL: ceramic, recommended MOS FET should be connected.
VDD =
(V)
! Vref =
(V) ,
RFB1, 2 x 10
VIN =
(V)
! IOUT =
(mA)
Notes 1* :
" TYPICAL APPLICATION CIRCUIT
5
PWM Control, PWM/PFM Switching Control,
Step-up DC/DC Converters
Externally Applied Reference Voltage (Vref)
Although the IC starts step-up operations from a VDD of 0.8V, the output voltage and oscillation frequency are stabilized at
VDD
≥ 1.8V or (Vref applied voltage + 0.7V). Therefore, a VDD of more than 1.8V or (Vref applied voltage + 0.7V) is recommended when VDD is
supplied from VIN or other power sources.
XC9106 / 07 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VOUT
Vref = 0.9V
8.820
9.000
9.180
V
1
Reference Voltage Range
Vref
0.8
2.5
V
-
Vref = 0.8V
0.784
FB Control Voltage
VFB
Vref = 0.9V
0.882
0.800
0.816
V
4
Power Supply Voltage Range
VDD
VDD as shown right or (Vref applied voltage + 0.7V)
1.8
10.0
V
-
Operation Start Voltage
VST1
Recommended Circuit using 2SD1628, IOUT=1.0mA
0.9
V
3
Oscillation Start Voltage
VST2
No external connections
CE/Vref=0.9V, Voltage applied, FB=0V
0.8
V
4
Operation Holding Voltage
VHLD
Recommended Circuit using 2SD1628, IOUT=1.0mA
0.7
V
3
Supply Current 1
IDD1
Same as VST2, VDD=3.300V
62
88
µA
4
Supply Current 2
IDD2
Same as IDD1, FB=1.2V
16
22
µA
4
Stand-by Current
ISTB
Same as IDD1, CE/Vref=0V
1.0
µA
5
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
KHz
4
Maximum Duty Ratio
MAXDTY
Same as IDD1
75
81
87
%
4
PFM Duty Ratio
PFMDTY
No Load
(XC9106 series)
24
32
40
%
1
Efficiency
EFFI
Recommended Circuit using XP161A1355
85
%
1
Soft-start Time
TSS
Vref=0.9V
5.0
10.0
20.0
mS
1
CE "High" Voltage
VCEH
Same as IDD1
0.65
V
5
CE "Low" Voltage
VCEL
Same as IDD1
0.20
V
5
EXT "High" ON Resistance
REXTH
Same as IDD1, VEXT=VOUT-0.4V
24
36
4
EXT "Low" ON Resistance
REXTL
Same as IDD1, VEXT=0.4V
16
24
4
Same as IDD2, CE=0.8V
-1.0
CE "High" Current
ICEH
Same as IDD2, CE=2.5V
0.0
CE "Low" Current
ICEL
Same as IDD2, CE=0V
-0.1
µA
5
FB "High" Current
IFBH
Same as IDD2, FB=VDD
0.1
µA
5
FB "Low" Current
IFBL
Same as IDD2, FB=1.0V
-0.1
µA
5
3.30
0.09
3.30
50
When obtaining VDD from a source other than VOUT, please insert a
capacitor CDD between the VDD pin and the GND pin in order to
provide stabler operations.
Please wire CL & CIN between the VOUT/VDD pin and the GND pin.
Strengthen the wiring sufficiently. When using a capacitor other than
ceramic or low ESR at CL, please take away RSENSE and short.
Insert Rb and CB when using a
bipolar NPN Transistor.
0.900
0.918
Vref = 2.5V
2.450
2.500
2.500
2.5
µA
5
0.0
VOUT
Nch Power
MOS FET
RSENSE
L
VIN
SD
RFB1
RFB2
CFB
CE/Vref
1
5
4
3
2
CL
Rb
Cb
Semiconductor Ltd.


Similar Part No. - XC9106D3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9106D TOREX-XC9106D Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results

Similar Description - XC9106D3ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106_1 Datasheet
297Kb / 11P
   PWM Control,PWM/PFM Switching Control, Step-Up DC/DC Converters, Externally Applied Vref
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Shenzhen Huazhimei Semi...
HM3410C HMSEMI-HM3410C Datasheet
848Kb / 7P
   PWM/PFM control DC-DC buck regulator
HM3416H HMSEMI-HM3416H Datasheet
1Mb / 11P
   PWM/PFM Control DC-DC Buck Converter
HM3410B HMSEMI-HM3410B Datasheet
1Mb / 10P
   PWM/PFM Control DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com