Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMES025U Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part No. LMES025U
Description  digital low differential pressure sensors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

LMES025U Datasheet(HTML) 5 Page - Sensortechnics GmbH

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
E / 11822 / C
LME series – digital low differential pressure sensors
Page 5/12
Subject to change without notice
www.first-sensor.com
contact@first-sensor.com
Performance characteristics (cont.)
Total accuracy (12)
Pressure [Pa]
Specification notes (cont.)
(12) Total accuracy is the combined error from offset and span calibration,
non-linearity, repeatability and pressure hysteresis
Offset long term stability
Fig. 2: Offset long term stability for LME 250 Pa sensors after 10,000 hours @ 85°C powered, equivalent to over 43.5 years @ 25 °C (better
than ±2 mV / ±0.125 Pa)
Time [h]
Fig. 1: Typical total accuracy plot of 16 LME 50 Pa sensors @ 25 °C (typical total accuracy better than 0.5 %FS)
Temperature sensor
Parameter
Min.
Typ.
Max.
Unit
Scale factor (digital output)
95
counts/°C
Non-linearity
±0.5
%FS
Hysteresis
±0.1
% FS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn