Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMES025U Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part No. LMES025U
Description  digital low differential pressure sensors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

LMES025U Datasheet(HTML) 3 Page - Sensortechnics GmbH

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
E / 11822 / C
LME series – digital low differential pressure sensors
Page 3/12
Subject to change without notice
www.first-sensor.com
contact@first-sensor.com
Performance characteristics (5)
(V
S=5.0 VDC, TA=20 °C, PAbs=1 bara, calibrated in air, output signal is non-ratiometric to VS)
25 Pa and 50 Pa devices
Parameter
Min.
Typ.
Max.
Unit
Noise level (RMS)
±0.01
Pa
Offset warm-up shift
less than noise
Offset long term stability (6)
±0.05
±0.1
Pa/year
Offset repeatability
±0.01
Pa
Span repeatability (9, 10)
±0.25
% of reading
Current consumption (no load) (7)
7
8
mA
Response time (t
63)
5
ms
Power-on time
25
ms
Digital output
Parameter
Min.
Typ.
Max.
Unit
Scale factor (digital output) (8)
0...25/0...±25 Pa
1200
counts/Pa
0...50/0...±50 Pa
600
counts/Pa
Zero pressure offset accuracy (9)
±0.1
±0.2
%FSS
Span accuracy (9, 10)
±0.4
±0.75
% of reading
Thermal effects
Offset
5...55 °C
±0.2
%FSS
0...70 °C
±0.4
%FSS
Span
5...55 °C
±1
±1.75
% of reading
0...70 °C
±2
±2.75
% of reading
Analog output (unidirectional devices)
Parameter
Min.
Typ.
Max.
Unit
Zero pressure offset (9)
0.49
0.50
0.51
V
Full scale output
4.50
V
Span accuracy (9, 10)
±0.4
±0.75
% of reading
Thermal effects
Offset
5...55 °C
±15
mV
0...70 °C
±30
mV
Span
5...55 °C
±1.25
±2
% of reading
0...70 °C
±2
±2.75
% of reading
Analog output (bidirectional devices)
Parameter
Min.
Typ.
Max.
Unit
Zero pressure offset (9)
2.49
2.50
2.51
V
Output
at max. specified pressure
4.50
V
at min. specified pressure
0.50
V
Span accuracy (9, 10)
±0.4
±0.75
% of reading
Thermal effects
Offset
5...55 °C
±15
mV
0...70 °C
±30
mV
Span
5...55 °C
±1.25
±2
% of reading
0...70 °C
±2
±2.75
% of reading
Specification notes (cont.)
(5) The sensor is calibrated with a common mode pressure of 1 bar absolute. Due
to the mass flow based measuring principle, variations in absolute common
mode pressure need to be compensated according to the following formula:
ΔP
eff = ΔPSensor x 1 bara/Pabs
ΔP
eff = True differential pressure,
ΔP
Sensor= Differential pressure as indicated by output voltage,
P
abs= Current absolute common mode pressure)
(6) Figure based on accelerated lifetime test of 10000 hours at 85 °C biased burn-in.
(7) Please contact First Sensor for low power options.
(8) The digital output signal is a signed, two complement integer. Negative
pressures will result in a negative output
(9) Zero pressure offset accuracy and span accuracy are uncorrelated uncertainties.
They can be added according to the principles of error propagation.
(10) Span accuracy below 10% of full scale is limited by the intrinsic noise of the sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn