Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMES025U Datasheet(PDF) 10 Page - Sensortechnics GmbH

Part No. LMES025U
Description  digital low differential pressure sensors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

LMES025U Datasheet(HTML) 10 Page - Sensortechnics GmbH

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E / 11822 / C
LME series – digital low differential pressure sensors
Page 10/12
Subject to change without notice
www.first-sensor.com
contact@first-sensor.com
Electrical connection
Pin
Function
Case 1:
Digital signal output
Case 2:
Analog signal output
1
V
S
+5V
+5V
2
GND
GND
GND
3
Vout
NC
High impedance analog input
(e.g. op-amp, ADC)
4
Reserved
NC
NC
5
SCLK
Master device SCLK
GND
6
MOSI
Master device MOSI
GND
7
MISO
Master device MISO
GND
8
/CS
Master device (/CS)
V
S
There are two use cases that will change the manner in which the LME series device is connected in-circuit:
1
2
3
4
8
7
6
5
Dimensional drawing
dimensions in mm,
all tolerances ±0.1 mm unless otherwise noted


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn