Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTUL5P05D1C Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PTUL5P05D1C
Description  Precision very low differential pressure transmitters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTUL5P05D1C Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PTUL5P05D1C Datasheet HTML 1Page - Sensortechnics GmbH PTUL5P05D1C Datasheet HTML 2Page - Sensortechnics GmbH PTUL5P05D1C Datasheet HTML 3Page - Sensortechnics GmbH PTUL5P05D1C Datasheet HTML 4Page - Sensortechnics GmbH PTUL5P05D1C Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BTEL5000 / PTUL5000 Series
Precision very low differential pressure transmitters
2/5
E / 11094 / A
www.first-sensor.com
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS9
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
P
5
.
0g
/
O
S
F
%
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
4
1
.
0
±5
2
.
0
±
O
S
F
%
)
z
H
k
1
<
f
<
0
(
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
5
.
.
.
D
1
0
.
.
.
5
L
U
T
P
/
L
E
T
B5
.
0
±
s
r
e
h
t
o
ll
a2
.
0
±
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
6
t
e
s
f
f
O.
.
.
D
1
0
.
.
.
5
L
E
T
B8
0
.
0
±6
1
.
0
±
C
°
/
O
S
F
%
/
.
.
.
D
2
0
.
.
.
5
L
E
T
B
.
.
.
D
1
0
.
.
.
5
L
U
T
P
4
0
.
0
±0
1
.
0
±
s
r
e
h
t
o
ll
a2
0
.
0
±6
0
.
0
±
n
a
p
S4
0
.
0
±8
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1s
m
1...6 V output versions (V
S = 15 V, tamb = 25°C, RL > 100 kΩ, com. mode pressure = 0)
4...20 mA output versions (V
S = 15 V, tamb = 25°C, RL = 100 Ω, com. mode pressure = 0)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
7
.
.
.
1
D
.
.
.
0
5
L
U
T
P
/
L
E
T
B
.
.
.
1
D
.
.
.
P
5
L
U
T
P
/
L
E
T
B
9
.
0
4
.
3
0
.
1
5
.
3
1
.
1
6
.
3
V
n
a
p
s
e
l
a
c
s
ll
u
F
8
.
.
.
1
D
.
.
.
0
5
L
U
T
P
/
L
E
T
B
.
.
.
1
D
.
.
.
P
5
L
U
T
P
/
L
E
T
B
9
.
4
4
.
2
0
.
5
5
.
2
1
.
5
6
.
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
6
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
5
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
6W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
7
.
.
.
4
D
.
.
.
0
5
L
U
T
P
/
L
E
T
B
.
.
.
4
D
.
.
.
P
5
L
U
T
P
/
L
E
T
B
9
.
3
9
.
1
1
0
.
4
0
.
2
1
1
.
4
1
.
2
1
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
8
.
.
.
4
D
.
.
.
0
5
L
U
T
P
/
L
E
T
B
.
.
.
4
D
.
.
.
P
5
L
U
T
P
/
L
E
T
B
9
.
5
1
9
.
7
0
.
6
1
0
.
8
1
.
6
1
1
.
8
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
0
2
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
0
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m
INDIVIDUAL PERFORMANCE CHARACTERISTICS9


Similar Part No. - PTUL5P05D1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTUL5P05D1C SENSORTECHNICS-PTUL5P05D1C Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
More results

Similar Description - PTUL5P05D1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com