Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9106D3DR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9106D3DR
Description  PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9106D3DR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9106D3DR Datasheet HTML 1Page - Torex Semiconductor XC9106D3DR Datasheet HTML 2Page - Torex Semiconductor XC9106D3DR Datasheet HTML 3Page - Torex Semiconductor XC9106D3DR Datasheet HTML 4Page - Torex Semiconductor XC9106D3DR Datasheet HTML 5Page - Torex Semiconductor XC9106D3DR Datasheet HTML 6Page - Torex Semiconductor XC9106D3DR Datasheet HTML 7Page - Torex Semiconductor XC9106D3DR Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
" ELECTRICAL CHARACTERISTICS
XC9106D001MR, XC9107D001MR
(FOSC=100 (kHz)
Ta=25
OC
*1
*1
Test Conditions: Unless otherwise stated, CL: ceramic, recommended MOS FET should be connected.
VDD =
(V)
! Vref =
(V) ,
RFB1, 2 x 10
VIN =
(V)
! IOUT =
(mA)
Notes 1* :
4
XC9106 / 07 Series
V
1
3
V
-
PWM Control, PWM/PFM Switching Control,
Step-up DC/DC Converters
Externally Applied Reference Voltage (Vref)
No external connections
Although the IC starts step-up operations from a VDD of 0.8V, the output voltage and oscillation frequency are stabilized at
VDD
≥ 1.8V or (Vref applied voltage + 0.7V). Therefore, a VDD of more than 1.8V or (Vref applied voltage + 0.7V) is recommended when VDD is
supplied from VIN or other power sources.
V
CIRCUIT
-
8.820
9.000
9.180
0.8
2.5
UNITS
4
µA
4
V
3
V
4
V
5
14
19
µA
1.0
µA
1
%
4
%
4
1
KHz
PARAMETER
Output Voltage
Reference Voltage Range
Operation Start Voltage
Power Supply Voltage Range
PFM Duty Ratio
FOSC
MAXDTY
PFMDTY
Oscillation Frequency
FB Control Voltage
VFB
Same as IDD1
Maximum Duty Ratio
Same as IDD1
Oscillation Start Voltage
VST2
CE/Vref=0.9V, Voltage applied, FB=0V
VST1
Recommended Circuit using 2SD1628, IOUT=1.0mA
Supply Current 2
Operation Holding Voltage
Supply Current 1
VDD
Vref = 0.9V
VDD as shown right or (Vref applied voltage+0.7V)
Efficiency
Recommended Circuit using 2SD1628, IOUT=1.0mA
Same as VST2, VDD=3.300V
ISTB
VHLD
IDD1
IDD2
Same as IDD1, CE/Vref=0V
Same as IDD1, FB=1.2V
Stand-by Current
V
No Load
(XC9106 series)
Recommended Circuit using XP161A1355
EFFI
%
20
28
36
85
1
Soft-start Time
Vref=0.9V
mS
TSS
5.0
10.0
20.0
5
CE "Low" Voltage
VCEL
Same as IDD1
CE "High" Voltage
VCEH
Same as IDD1
0.20
24
36
5
V
4
4
EXT "Low" ON Resistance
REXTL
Same as IDD1, VEXT=VOUT-0.4V
EXT "High" ON Resistance
REXTH
Same as IDD1, VEXT=0.4V
16
24
CE "Low" Current
ICEL
Same as IDD2, CE=0.8V
Same as IDD2, CE=0V
-1.0
µA
µA
5
0.0
Same as IDD2, FB=VDD
5
-0.1
0.1
5
FB "High" Current
IFBH
µA
Same as IDD2, FB=1.0V
IFBL
-0.1
1.8
CONDITIONS
Vref = 0.9V
SYMBOL
VOUT
Vref
MIN.
TYP.
MAX.
0.784
0.800
0.816
0.8
10.0
0.9
0.7
29
41
75
81
87
85
100
115
0.65
FB "Low" Current
0.09
50
3.30
3.30
Vref = 0.9V
Vref = 2.5V
0.882
0.900
0.918
2.450
2.500
2.550
4
V
CE "High" Current
ICEH
Same as IDD2, CE=2.5V
0.0
2.5
µA
5
Semiconductor Ltd.


Similar Part No. - XC9106D3DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9106D TOREX-XC9106D Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results

Similar Description - XC9106D3DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106_1 Datasheet
297Kb / 11P
   PWM Control,PWM/PFM Switching Control, Step-Up DC/DC Converters, Externally Applied Vref
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Shenzhen Huazhimei Semi...
HM3410C HMSEMI-HM3410C Datasheet
848Kb / 7P
   PWM/PFM control DC-DC buck regulator
HM3416H HMSEMI-HM3416H Datasheet
1Mb / 11P
   PWM/PFM Control DC-DC Buck Converter
HM3410B HMSEMI-HM3410B Datasheet
1Mb / 10P
   PWM/PFM Control DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com