Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HCL0005 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part No. HCL0005
Description  Miniature compensated low pressure sensors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSORTECHNICS [Sensortechnics GmbH]
Homepage  http://www.sensortechnics.com
Logo 

HCL0005 Datasheet(HTML) 1 Page - Sensortechnics GmbH

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HCL Series
Miniature compensated low pressure sensors
1/10
E / 11628 / E
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 0 ... 5 to 0 ... 75 mbar, differential or
gage
· Calibrated and temperature
compensated
· Matched pressure port volumes
· Miniature SMT and SIL housings
· RoHS compliant
EQUIVALENT CIRCUIT
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
16 V
DC
Lead specifications
Average preheating temperature gradient 2.5 K/s
Soak time
ca. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak temperature
260°C
Cooling temperature gradient
-3.5 K/s
Temperature ranges
Compensated
HCL0005..., HCL12x5...
0 ... 50°C
all others
0 ... 70°C
Operating
-25 ... 85°C
Storage
-40 ... 125°C
Humidity limits (non-condensing)
0 ... 95 %RH
+Vs
3
+Vout
2
-Vout
4
1
-Vs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn