Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXUB68.07.0180C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FXUB68.07.0180C
Description  Embedded Flexible 4G LTE Wide Band Antenna
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXUB68.07.0180C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FXUB68.07.0180C Datasheet HTML 1Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 2Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 3Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 4Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 5Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 6Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 7Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 8Page - List of Unclassifed Manufacturers FXUB68.07.0180C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SPE-16-8-023/A/WY
Page 3 of 15
2. SPECIFICATION
ELECTRICAL
Standard
LTE
700
GSM
850
GSM
900
DCS
PCS
UMTS1
WiFi
LTE
2600
Frequency (MHz)
698~ 803
824~ 894
880~ 960
1710~
1880
1850~
1990
1920~
2170
2400~
2480
2490~
2690
Max Return Loss (dB)
-9
-8
-7
-9
-17
-13
-13
-12
Max VSWR
2.5
2.5
3
2.5
1.5
1.5
1.5
2
Efficiency (%)
45
45
45
60
65
65
65
55
Peak Gain (dBi)
2
2
2
2
2.5
2.5
3
2
Average Gain (dB)
-3.5
-3.5
-3.5
-2.2
-2
-2
-2
-2.6
Radiation Properties
Omni-directional
Max Input Power (Watts)
5
Polarization
Linear
Impedance (Ohms)
50 Ohms
MECHANICAL
Dimensions (mm)
67x58x0.2 mm
Material
Flexible Polymer
Connector and Cable
IPEX and 1.37 mm
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Relative Humidity
40% to 95%
RoHs Compliant
Yes
*Antenna measured on plastic sheet with 1.5mm thickness in “full wrap” configuration.


Similar Part No. - FXUB68.07.0180C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C Datasheet
7Mb / 15P
   Flexible Wideband Antenna
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C Datasheet
1Mb / 14P
   Minima Embedded Flexible 4G LTE Wide Band Antenna 700-960MHz, 1700-2700MHz
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C_17 Datasheet
1Mb / 14P
   Minima Embedded Flexible 4G LTE Wide Band Antenna 700-960MHz, 1700-2700MHz
More results

Similar Description - FXUB68.07.0180C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXUB68070180C TAOGLAS-FXUB68070180C Datasheet
1Mb / 14P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
List of Unclassifed Man...
FXUB65.07.0180C ETC2-FXUB65.07.0180C Datasheet
1Mb / 15P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
Taoglas antenna solutio...
FXUB65.07.0180C TAOGLAS-FXUB65.07.0180C_17 Datasheet
1Mb / 14P
   Minima Embedded Flexible 4G LTE Wide Band Antenna 700-960MHz, 1700-2700MHz
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C_17 Datasheet
1Mb / 14P
   Minima Embedded Flexible 4G LTE Wide Band Antenna 700-960MHz, 1700-2700MHz
FXUB71.A.07.C.001 TAOGLAS-FXUB71.A.07.C.001_17 Datasheet
2Mb / 18P
   Embedded Flexible 4G LTE MIMO 2*2 Antenna
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001_17 Datasheet
2Mb / 18P
   4G LTE Wide Band Flex MIMO Antenna
FXUB70A07C001 TAOGLAS-FXUB70A07C001 Datasheet
2Mb / 21P
   4G LTE Wide Band Flex MIMO Antenna
logo
AVX Corporation
1005460F0 AVX-1005460F0 Datasheet
1Mb / 11P
   5G/4G Wide Band FPC Embedded Antenna
11/8/2022 Rev 3.
1002289 AVX-1002289 Datasheet
1Mb / 6P
   LTE/Cellular Wide Band FPC Embedded Antenna
9/27/2021
logo
World Produts Inc.
WPANT10083 WPI-WPANT10083 Datasheet
99Kb / 2P
   4G / LTE Cellular SMT Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com