Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK520P Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SK520P
Description  SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SK520P Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SK520P Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SK520P Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SK520P Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
SK520P~SK5200P
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0
• For through hole applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
Lead free in comply with EU RoHS
SCHOTTKY BARRIER RECTIFIERS
MECHANICALDATA
• Case: TO-25
1 molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
P
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
rr
u
c
e
R
m
u
m
ix
a
M
V
M
R
R
0
45
40
50
60
8
0
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
ix
a
M
V
S
M
R
8
25.
1
35
32
46
5
0
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
ix
a
M
V
C
D
0
45
40
50
60
8
0
0
10
5
10
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
ix
a
M
I
)
V
A
(
F
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
I
M
S
F
g
e
l
r
e
p
A
0
.
5
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
M
V
F
T
t
a
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
ix
a
M
J
5
2
= OC
T
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O
C
I
R
0.5
0
2
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
15
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
-55 to +150
O
C
VOLTAGE
20 to 200 Volts
CURRENT
5 Amperes
FEATURES
SK
540P
SK
545P
SK
550P
SK
560P
SK
580P
SK
SK
5100P
SK
5150P
SK
5200P
UNITS
SYMBOL
150
A
0.85
0.92
V
0.70
-55 to +125
5
A
0.90
Note 1: Mounted on FR-4 PCB Copper, minimum recommended pad layout
Note 1
SEP.2015-REV.00
520P
20
14
20
0.55
www.
dyelec.com


Similar Part No. - SK520P

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK520 CYSTEKEC-SK520 Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK520 CYSTEKEC-SK520 Datasheet
151Kb / 5P
   5.0Amp. Surface Mount Schottky Barrier Diodes
logo
Sangdest Microelectroni...
SK520 SMC-SK520 Datasheet
209Kb / 5P
   SCHOTTKY RECTIFIER
logo
Cystech Electonics Corp...
SK520 CYSTEKEC-SK520 Datasheet
397Kb / 6P
   Surface Mount Schottky Barrier Diodes
logo
SMC Diode Solutions Co....
SK520 SMCDIODE-SK520 Datasheet
194Kb / 4P
   SK520 SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - SK520P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com