Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSS461 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part No. TSS461
Description  Van Controller Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSS461 Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TSS461 Datasheet HTML 2Page - TEMIC Semiconductors TSS461 Datasheet HTML 3Page - TEMIC Semiconductors TSS461 Datasheet HTML 4Page - TEMIC Semiconductors TSS461 Datasheet HTML 5Page - TEMIC Semiconductors TSS461 Datasheet HTML 6Page - TEMIC Semiconductors TSS461 Datasheet HTML 7Page - TEMIC Semiconductors TSS461 Datasheet HTML 8Page - TEMIC Semiconductors TSS461 Datasheet HTML 9Page - TEMIC Semiconductors TSS461 Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Qualpack TS80C31X2/C32X2
6
Rev. 2 – January 1999
3.3 Package Technology
3.3.1 SOIC.300 16 leads
Package weight
0,43 g
Chip separation method
Sawing
Lead frame
Material
Cu
Thickness
10 mils
Size
270*270 mils2
Lead plating
Electroplated Sn/Pb 85/15
Die attach
Material
Silver epoxy
Type
Ablestick 84-1 LMISR4
Wire bonding
Material
Gold
Diameter
33um
Method
Thermosonic
Molding
Material
Nitto MP8000AN
Flammability rating
UL94V-0
Marking
Method
Printed ink
Coding example
TEMIC
optional special customer marking
TSS463
YY MM
Dry packing
No
Tube packed
Primary
Tube
Material
Antistatic PVC
Number per unit
47
Secondary
Box
Material
Cardboard
Number per unit
1692
Labelling (minimum)
Device type, Quantity, Date Code, Prod. code
Bar coding
Code 39 to EIA-556-A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn