Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS461 Datasheet(PDF) 15 Page - TEMIC Semiconductors

Part # TSS461
Description  Van Controller Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSS461 Datasheet(HTML) 15 Page - TEMIC Semiconductors

Back Button TSS461 Datasheet HTML 11Page - TEMIC Semiconductors TSS461 Datasheet HTML 12Page - TEMIC Semiconductors TSS461 Datasheet HTML 13Page - TEMIC Semiconductors TSS461 Datasheet HTML 14Page - TEMIC Semiconductors TSS461 Datasheet HTML 15Page - TEMIC Semiconductors TSS461 Datasheet HTML 16Page - TEMIC Semiconductors TSS461 Datasheet HTML 17Page - TEMIC Semiconductors TSS461 Datasheet HTML 18Page - TEMIC Semiconductors TSS461 Datasheet HTML 19Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Qualpack TSS463 / TSS461C
Rev. 2 – January 1999
15
Lot
Number
Device Type
Test Description
Step
Result Comment
Z20569K
HMT-65664A
in SO 28 (2)
Thermal Cycles
500c
1000c
0/45
0/45
85/85 Humidity
500h
1000h
2000h
0/45
0/45
0/45
Resistance to Soldeting
Heat
Level 1
0/10
Marking Permanency
-
0/3
HAST after Soldering
Stress (with 5.5v bias)
168h
0/45
Global
All products
Mounting Stress level 1
Elect.
0/255 0 ppm
Climatic Tests
-
0/720 0 %
Notes:
(1)
SUMITOMO 6300 molding compound
(2)
NITTO MP8000 molding compound
(3)
Electrical test with Quality program at 25°c, 125°c and -40°c
(4)
Performed on molded device opened using acid
(5)
No Lifted Ball Bond, breakdown observed on wires (83%) and over the stich (17%)


Similar Part No. - TSS461

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461C ATMEL-TSS461C Datasheet
633Kb / 57P
   VAN Data Link Controller
logo
TEMIC Semiconductors
TSS461C TEMIC-TSS461C Datasheet
217Kb / 24P
   Van Controller Serial Interface
logo
ATMEL Corporation
TSS461C-TDRZ ATMEL-TSS461C-TDRZ Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461CR ATMEL-TSS461CR Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
More results

Similar Description - TSS461

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
   Van Controller Serial Interface
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com