Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT48R01T3 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part No. HT48R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01T3 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Information
16-pin NSOP (150mil) Outline Dimensions
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
¾
0.244
B
0.150
¾
0.157
C
0.012
¾
0.020
C
¢
0.386
¾
0.402
D
¾¾
0.069
E
¾
0.050
¾
F
0.004
¾
0.010
G
0.016
¾
0.050
H
0.007
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
¾
6.20
B
3.81
¾
3.99
C
0.30
¾
0.51
C
¢
9.80
¾
10.21
D
¾¾
1.75
E
¾
1.27
¾
F
0.10
¾
0.25
G
0.41
¾
1.27
H
0.18
¾
0.25
a
0
°¾
8
°
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
13
November 23, 2010
1 6
1
9
8
=
A
B
C
D
E
F
G
H
C '


Similar Part No. - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT48R01T3 HOLTEK-HT48R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results

Similar Description - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
PADAUK Technology.
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
Holtek Semiconductor Inc
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz