Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT48R01T3 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part No. HT48R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01T3 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Circuits
Note:
1. 9.84375MHz crystal used for RF frequency of 315MHz
13.56MHz crystal used for RF frequency of 433.92MHz
2. The extra LC filter on the PAOUT pin can reduce second harmonics
3. The L and C values shown in brackets are for 433.92MHz
Rev. 1.30
12
November 23, 2010
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter


Similar Part No. - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT48R01T3 HOLTEK-HT48R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results

Similar Description - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
PADAUK Technology.
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
Holtek Semiconductor Inc
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz