Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DELTA-1C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DELTA-1C
Description  SMA male connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DELTA-1C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DELTA-1C Datasheet HTML 1Page - List of Unclassifed Manufacturers DELTA-1C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A member of the Olancha Group Ltd
Registered in England No. 08405712
VAT Registration No. GB163 04 0349
Siretta Ltd
Basingstoke Road
Spencers Wood
Reading
Berkshire RG7 1PW
sales
fax
email
web
+44(0)118 976 9014
+44(0)118 976 9020
sales@siretta.co.uk
www.siretta.co.uk
Delta 1C
Quad Band “Stubby” Antenna
Ordering Details
Partnumber
Description
DELTA1C/X/SMAM/S/S/23
Stubby Quad Band GSM/GPRS Antenna, SMA Male Connector
Key Specifications - Electrical
Operating temperature:
-45 to +75 °C
Temperature range:
-45 to +75 °C
Impedance:
50 ohm
Gain:
2.15dBi
Voltage and supply
current:
Passive
Operating frequences:
890 - 960MHz @ <=1.5:1 VSWR
1710 - 1880MHz @ <=1.7:1
VSWR
Polarization:
Vertical
Radiation:
Dipole
Key Specifications - Mechanical
Dimensions:
48mm x 8mm
Connector:
SMA male
Mounting
method:
Direct connect


Similar Part No. - DELTA-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DELTA-11 ETC2-DELTA-11 Datasheet
465Kb / 2P
   Omnidirectional
More results

Similar Description - DELTA-1C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45460 PASTERNACK-PE45460 Datasheet
536Kb / 6P
   SMA Male Connector
PE45461 PASTERNACK-PE45461 Datasheet
548Kb / 6P
   SMA Male Connector
PE4589 PASTERNACK-PE4589_16 Datasheet
321Kb / 3P
   SMA Male Connector
logo
Taoglas antenna solutio...
GW.15.2113 TAOGLAS-GW.15.2113 Datasheet
3Mb / 66P
   SMA Male Straight Connector
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
   SMA Male to SMA Male Adapter
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
   SMA Male to SMA Male Adapter
logo
Linx Technologies
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
   SMA MALE TO SMA MALE ADAPTOR
logo
Pasternack Enterprises,...
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
   Precision SMA Male to SMA Male Adapter
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
   SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
   SMA Male Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com