Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD050N03LG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD050N03LG
Description  OptiMOS짰3 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD050N03LG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD050N03LG Datasheet HTML 1Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 2Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 3Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 4Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 5Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 6Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 7Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 8Page - Infineon Technologies AG IPD050N03LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPD050N03L G
IPF050N03L G
IPS050N03L G
IPU050N03L G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
68
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
2.2
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm² cooling area
4)
-
-
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1
-
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
R DS(on)
V GS=4.5 V, I D=30 A
-
5.8
7.3
m
W
V GS=10 V, I D=30 A
-
4.2
5
Gate resistance
R G
-
1.5
-
W
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
38
77
-
S
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
5) Measured from drain tab to source pin
3) See figure 13 for more detailed information
Value
Values
2) See figure 3 for more detailed information
Drain-source on-state resistance
5)
Rev. 2.0
page 2
2013-10-28


Similar Part No. - IPD050N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD050N03LG INFINEON-IPD050N03LG Datasheet
636Kb / 12P
   Fast switching MOSFET for SMPS Optimized technology for DC/DC converters
Rev. 1.02 2008-04-15
More results

Similar Description - IPD050N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB027N10N3G INFINEON-IPB027N10N3G Datasheet
220Kb / 9P
   OptiMOS짰3 Power-Transistor
Rev. 2.4 2009-12-11
IPP055N03LG INFINEON-IPP055N03LG Datasheet
309Kb / 10P
   OptiMOS짰3 Power-Transistor
Rev. 1.02 2007-08-29
IPD053N08N3G INFINEON-IPD053N08N3G_14 Datasheet
351Kb / 9P
   OptiMOS짰3 Power-Transistor
Rev. 1.1 2014-05-19
IPF039N03LG INFINEON-IPF039N03LG Datasheet
441Kb / 10P
   OptiMOS짰3 Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 0.9 2006-10-23
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com