Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L031F4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L031F4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031F4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L031F4 Datasheet HTML 6Page - STMicroelectronics STM32L031F4 Datasheet HTML 7Page - STMicroelectronics STM32L031F4 Datasheet HTML 8Page - STMicroelectronics STM32L031F4 Datasheet HTML 9Page - STMicroelectronics STM32L031F4 Datasheet HTML 10Page - STMicroelectronics STM32L031F4 Datasheet HTML 11Page - STMicroelectronics STM32L031F4 Datasheet HTML 12Page - STMicroelectronics STM32L031F4 Datasheet HTML 13Page - STMicroelectronics STM32L031F4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
Description
STM32L031x4/6
10/118
DocID027063 Rev 4
2
Description
The access line ultra-low-power STM32L031x4/6 family incorporates the high-performance
ARM® Cortex®-M0+ 32-bit RISC core operating at a 32 MHz frequency, high-speed
embedded memories (up to 32 Kbytes of Flash program memory, 1 Kbytes of data
EEPROM and 8 Kbytes of RAM) plus an extensive range of enhanced I/Os and peripherals.
The STM32L031x4/6 devices provide high power efficiency for a wide range of
performance. It is achieved with a large choice of internal and external clock sources, an
internal voltage adaptation and several low-power modes.
The STM32L031x4/6 devices offer several analog features, one 12-bit ADC with hardware
oversampling, two ultra-low-power comparators, several timers, one low-power timer
(LPTIM), three general-purpose 16-bit timers, one RTC and one SysTick which can be used
as timebases. They also feature two watchdogs, one watchdog with independent clock and
window capability and one window watchdog based on bus clock.
Moreover, the STM32L031x4/6 devices embed standard and advanced communication
interfaces: one I2C, one SPI, one USART, and a low-power UART (LPUART).
The STM32L031x4/6 also include a real-time clock and a set of backup registers that
remain powered in Standby mode.
The ultra-low-power STM32L031x4/6 devices operate from a 1.8 to 3.6 V power supply
(down to 1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without
BOR option. They are available in the -40 to +125 °C temperature range. A comprehensive
set of power-saving modes allows the design of low-power applications.


Similar Part No. - STM32L031F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L031F4 STMICROELECTRONICS-STM32L031F4 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L031F4 STMICROELECTRONICS-STM32L031F4 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
STM32L031F4P3DTR STMICROELECTRONICS-STM32L031F4P3DTR Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L031F4P3SDTR STMICROELECTRONICS-STM32L031F4P3SDTR Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L031F4P6DTR STMICROELECTRONICS-STM32L031F4P6DTR Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
More results

Similar Description - STM32L031F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L041X4 STMICROELECTRONICS-STM32L041X4 Datasheet
1Mb / 119P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
STM32L031X4 STMICROELECTRONICS-STM32L031X4_V01 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018
STM32L031C6 STMICROELECTRONICS-STM32L031C6_V01 Datasheet
1Mb / 126P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
March 2018 Rev 6
STM32L041X6 STMICROELECTRONICS-STM32L041X6_V01 Datasheet
1Mb / 123P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
February 2018 Rev 6
STM32L071X8 STMICROELECTRONICS-STM32L071X8 Datasheet
1Mb / 136P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
STM32L011X3 STMICROELECTRONICS-STM32L011X3 Datasheet
1Mb / 115P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
STM32L081CB STMICROELECTRONICS-STM32L081CB Datasheet
1Mb / 110P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC, AES
STM32L151RCT6A STMICROELECTRONICS-STM32L151RCT6A Datasheet
1Mb / 136P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
STM32L051X6 STMICROELECTRONICS-STM32L051X6 Datasheet
1Mb / 127P
   Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
STM32L072X8 STMICROELECTRONICS-STM32L072X8 Datasheet
2Mb / 147P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com