Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDK220 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LDK220
Description  200 mA low quiescent current and low noise LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LDK220 Datasheet HTML 20Page - STMicroelectronics LDK220 Datasheet HTML 21Page - STMicroelectronics LDK220 Datasheet HTML 22Page - STMicroelectronics LDK220 Datasheet HTML 23Page - STMicroelectronics LDK220 Datasheet HTML 24Page - STMicroelectronics LDK220 Datasheet HTML 25Page - STMicroelectronics LDK220 Datasheet HTML 26Page - STMicroelectronics LDK220 Datasheet HTML 27Page - STMicroelectronics LDK220 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Ordering information
LDK220
26/28
DocID026015 Rev 4
8
Ordering information
Table 14: Order codes
SOT323-5L
SOT23-5L
SOT-89
DFN6
Output voltage (V)
LDK220C25R
LDK220M25R
LDK220PU25R
2.5
LDK220C27R
LDK220M27R
LDK220PU27R
2.7
LDK220C30R
LDK220M30R
LDK220U30R
LDK220PU30R
3
LDK220C32R
LDK220M32R
LDK220PU32R
3.2
LDK220C33R
LDK220M33R
LDK220U33R
LDK220PU33R
3.3
LDK220C36R
LDK220M36R
LDK220U36R
LDK220PU36R
3.6
LDK220C40R
LDK220M40R
LDK220PU40R
4
LDK220C50R
LDK220M50R
LDK220U50R
LDK220PU50R
5
LDK220C-R
LDK220M-R
LDK220PU-R
adj


Similar Part No. - LDK220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
More results

Similar Description - LDK220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
   LOW NOISE 200 mA LDO REGULATOR
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com