Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-82A1ABD-A6T5S Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-82A1ABD-A6T5S
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-82A1ABD-A6T5S Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-82A1ABD-A6T5S Datasheet HTML 1Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 2Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 3Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 4Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 5Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 6Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 7Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 8Page - Seiko Instruments Inc S-82A1ABD-A6T5S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
S-82A1A Series
www.sii-ic.com
BATTERY PROTECTION IC FOR 1-CELL PACK
© SII Semiconductor Corporation, 2016
Rev.2.0_00
1
The S-82A1A Series is a protection IC for lithium-ion / lithium polymer rechargeable batteries and includes high-accuracy
voltage detection circuits and delay circuits. It is suitable for protecting 1-cell lithium-ion / lithium polymer rechargeable battery
packs from overcharge, overdischarge, and overcurrent.
By using an external overcurrent detection resistor, the S-82A1A Series realizes high-accuracy overcurrent protection with less
effect from temperature change.
Features
• High-accuracy voltage detection circuit
Overcharge detection voltage
3.5 V to 4.6 V (5 mV step)
Accuracy
±20 mV
Overcharge release voltage
3.1 V to 4.6 V
*1
Accuracy
±50 mV
Overdischarge detection voltage
2.0 V to 3.0 V (10 mV step)
Accuracy
±50 mV
Overdischarge release voltage
2.0 V to 3.4 V
*2
Accuracy
±100 mV
Discharge overcurrent detection voltage 1
0.010 V to 0.100 V (1 mV step)
Accuracy
±3 mV
Discharge overcurrent detection voltage 2
0.030 V to 0.200 V (1 mV step)
Accuracy
±5 mV
Load short-circuiting detection voltage
0.050 V to 0.500 V (5 mV step)
Accuracy
±20 mV
Charge overcurrent detection voltage
−0.100 V to −0.010 V (1 mV step)
Accuracy
±3 mV
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
• 0 V battery charge function is selectable:
Available, unavailable
• Power-down function is selectable:
Available, unavailable
• Release condition of discharge overcurrent status is selectable:
Load disconnection, charger connection
• Release voltage of discharge overcurrent status is selectable:
Discharge overcurrent detection voltage 1 (VDIOV1),
Discharge overcurrent release voltage (VRIOV) = VDD
× 0.8 (typ.)
• High-withstand voltage:
VM pin and CO pin: Absolute maximum rating 28 V
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Low current consumption
During operation:
2.0
μA typ., 4.0 μA max. (Ta = +25°C)
During power-down:
50 nA max. (Ta =
+25°C)
During overdischarge:
500 nA max. (Ta =
+25°C)
• Lead-free, Sn 100%, halogen-free
P
*3
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV step.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV step.)
*3. Refer to " Product Name Structure" for details.
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Packages
• SNT-6A
• DFN-6(1414)A


Similar Part No. - S-82A1ABD-A6T5S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-82A1ABD-A6T5S SII-S-82A1ABD-A6T5S Datasheet
3Mb / 44P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-82A1ABD-A6T5S ABLIC-S-82A1ABD-A6T5S Datasheet
961Kb / 46P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.4_00
More results

Similar Description - S-82A1ABD-A6T5S

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com