Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD60R385CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD60R385CP
Description  600V CoolMOS??CP Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R385CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD60R385CP Datasheet HTML 1Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 2Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 3Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 4Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 5Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 6Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 7Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 8Page - Infineon Technologies AG IPD60R385CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9?5-'@*/,4?
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
C9,84.฀.3,<,.>0<4=>4.=
&BDHG฀75D57=G5B79
% Ybb
&
02)
&
`?
+HGDHG฀75D57=G5B79
% _bb
&
,1
&
"::97G=I9฀CHGDHG฀75D57=G5B79฀9B9E;L฀
aU\QcUT
/#
% _"Ua#
&
,/
&
"::97G=I9฀CHGDHG฀75D57=G5B79฀G=A9฀
aU\QcUT
0#
% _"ca#
&
2/
&
0HEBCB฀89@5L฀G=A9
1 T"_^#
&
*)
&
^b
.=F9฀G=A9
1 a
&
.
&
0HEBC::฀89@5L฀G=A9
1 T"_VV#
&
-)
&
#5@@฀G=A9
1 V
&
.
&
)
$5G9฀ <5E;9฀ <5E57G9E=FG=7F
$5G9฀GC฀FCHE79฀7<5E;9
* Wb
&
-
&
^<
$5G9฀7<5E;9฀5G฀G<E9F<C@8
* W"cX#
&
-'/
/'+
$5G9฀GC฀8E5=B฀7<5E;9
* WT
&
/
&
/J=G7<=B;฀7<5E;9
* bf
&
*+
*0
$5G9฀7<5E;9฀GCG5@
* W
&
*0
++
$5G9฀D@5G95H฀IC@G5;9
- `\QcUQd
&
.')
&
N
$0@0<=0฀4:/0
!=C89฀:CEJ5E8฀IC@G5;9
- K=
- @K฀2฀( ? ฀฀
, Z฀W
&
)'2
*'+
N
.9I9EF9฀E97CI9EL฀G=A9
1 aa
&
+/)
&
^b
.9I9EF9฀E97CI9EL฀7<5E;9
* aa
&
,'*
&
u<
,95?฀E9I9EF9฀E97CI9EL฀7HEE9BG
( aa]
&
+-
&
9
/# %
_"Ua#฀=F฀5฀:=K98฀75D57=G5B79฀G<5G฀;=I9F฀G<9฀F5A9฀FGCE98฀9B9E;L฀5F฀% _bb฀J<=@9฀- =K฀=F฀E=F=B;฀:ECA฀฀GC฀฀- =KK'
0# %
_"ca#฀=F฀5฀:=K98฀75D57=G5B79฀G<5G฀;=I9F฀G<9฀F5A9฀7<5E;=B;฀G=A9฀5F฀% _bb฀J<=@9฀- =K฀=F฀E=F=B;฀:ECA฀฀GC฀฀- =KK'
-#฀&
K=
"B=฀8= 8G" YF฀2=<\Y^[2฀2`UQ[5N";J#=KK฀0Z5LZ]Qg฀=89BG=75@฀@CJ฀F=89฀5B8฀<=;<฀F=89฀FJ=G7<
- J฀2฀( ?6( K
T0 ?(T1 ฀ YF
.#฀!9I=79฀CB฀AAAA AA฀9DCKL฀, ฀#.฀J=G<฀7A฀CB9฀@5L9E฀YA฀G<=7?฀7CDD9E฀5E95฀:CE฀8E5=B฀7CBB97G=CB ฀
, ฀=F฀J=G<CHG฀6@CJB฀5=E
+#฀,H@F9฀J=8G<฀1
`฀@=A=G98฀6L฀, Z%]Qg
,#฀.9D9G=G=I9฀5I5@5B7<9฀75HF9F฀588=G=CB5@฀DCJ9E฀@CFF9F฀G<5G฀75B฀69฀75@7H@5G98฀5F฀)
9N6' 9J$/#
*#฀'/0!฀5B8฀'"/!
DHS[LY
- @K฀2฀- =K฀2฀
/ ฀*%M
- ==฀2฀
- @K฀2฀( = ฀฀
+ @ ฀"
- ==฀2฀( = ฀฀
- @K฀GC฀฀2
- @K฀2฀- =K฀2฀
GC฀฀2
.9I ฀ 
D5;9฀

2.4
2015-02-02


Similar Part No. - IPD60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPD60R385CP INFINEON-IPD60R385CP Datasheet
308Kb / 10P
   CoolMOS Power Transistor
Rev. 2.2 2009-04-15
logo
Inchange Semiconductor ...
IPD60R385CP ISC-IPD60R385CP Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R385CP INFINEON-IPD60R385CP Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
IPD60R385CP INFINEON-IPD60R385CP_09 Datasheet
308Kb / 10P
   CoolMOS Power Transistor
Rev. 2.2 2009-04-15
More results

Similar Description - IPD60R385CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R385CP INFINEON-IPL60R385CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R199CP INFINEON-IPL60R199CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPDD60R190G7 INFINEON-IPDD60R190G7 Datasheet
1Mb / 14P
   600V CoolMOS??G7 Power Transistor
Rev.2.0,2018-01-05
IPZA60R037P7 INFINEON-IPZA60R037P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R080P7 INFINEON-IPZA60R080P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
IPZA60R180P7 INFINEON-IPZA60R180P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-27
IPZA60R120P7 INFINEON-IPZA60R120P7 Datasheet
1Mb / 14P
   600V CoolMOS??P7 Power Transistor
Rev.2.0,2017-11-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com