Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C66CD0H-K8T2U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C66CD0H-K8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66CD0H-K8T2U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C66CD0H-K8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 12Page - Seiko Instruments Inc S-93C66CD0H-K8T2U3 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
FOR AUTOMOTIVE 105°C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C H Series
9
AC Electrical Characteristics
Table 9 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 10
Item
Symbol
Ta =
−40°C to +105°C
Unit
VCC = 1.6 V to 1.8 V VCC = 1.8 V to 2.5 V VCC = 2.5 V to 4.5 V VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
CS pin setup time
tCSS
0.4
0.2
0.15
0.15
μs
CS pin hold time
tCSH
0
0
0
0
μs
CS pin deselect time
tCDS
0.4
0.2
0.2
0.2
μs
Data setup time
tDS
0.2
0.1
0.1
0.1
μs
Data hold time
tDH
0.2
0.1
0.1
0.1
μs
Output delay time
tPD
0.8
0.6
0.25
0.25
μs
Clock frequency
*1
fSK
0
0.5
0
1.0
0
2.0
0
2.0
MHz
SK clock time "L"
*1
tSKL
0.5
0.2
0.2
0.1
μs
SK clock time "H"
*1
tSKH
0.5
0.2
0.2
0.1
μs
Output disable time
tHZ1, tHZ2
0
0.5
0
0.2
0
0.2
0
0.15
μs
Output enable time
tSV
0
0.5
0
0.2
0
0.2
0
0.15
μs
Write time
tPR
4.0
4.0
4.0
4.0
ms
*1.
The clock cycle of the SK clock (frequency fSK) is 1/fSK
μs. This clock cycle is determined by a combination of
several AC characteristics. Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing
the SK clock cycle time.
tSKH
tCDS
tCSS
CS
Valid data
Valid data
DI
tSKL
SK
tSV
tHZ2
tCSH
tHZ1
tPD
tPD
tDS tDH
tDS
tDH
High-Z
High-Z
High-Z
DO
DO
(READ)
(VERIFY)
High-Z
*1
1/fSK
*2
*1.
Indicates high impedance.
*2.
1/fSK is the SK clock cycle. This clock cycle is determined by a combination of several AC characteristics.
Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing the SK clock cycle
time.
Figure 1 Timing Chart


Similar Part No. - S-93C66CD0H-K8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66CD0H-K8T2U3 SII-S-93C66CD0H-K8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C66CD0H-K8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46BD0A-J8T2U3 SII-S-93A46BD0A-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com