Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A56BD0A-T8T2U3 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-93A56BD0A-T8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A56BD0A-T8T2U3 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-93A56BD0A-T8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 12Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 13Page - Seiko Instruments Inc S-93A56BD0A-T8T2U3 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION 3-WIRE SERIAL E2PROM
S-93A46B/56B/66B/76B/86B
Rev.1.2_00
10
Pin Functions
1. CS (chip select input) pin
This is an input pin to set a chip in the select status. In the "L" input level, this IC is in the non-select status and its
output is "High-Z". This IC is in standby as long as it is not in write inside. This IC goes in active by setting the chip
select to "H". Input any instruction code after power-on and a rising of chip select.
2. SK (serial clock input) pin
This is a clock input pin to set the timing of serial data. A start bit, an operation code, an address and a write data are
received at a rising edge of clock. Data is output during rising edge of clock.
3. DI (serial data input) pin
This pin is to input serial data. This pin receives a start bit, an operation code, an address and a write data. This pin
latches data at rising edge of serial clock.
4. SO (serial data output) pin
This pin is to output serial data. The data output changes at rising edge of serial clock.
5. TEST (test input) pin
This is an input pin in test mode. Connect to GND or the VCC pin, or set to open. Because this pin has a built-in
pull-down element, pull-down current flows when it connected to VCC pin.
Initial Delivery State
Initial delivery state of all addresses is "FFFFh".


Similar Part No. - S-93A56BD0A-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A56BD0A-T8T2U3 SII-S-93A56BD0A-T8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A56BD0A-T8T2U3 ABLIC-S-93A56BD0A-T8T2U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A56BD0A-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com