Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A56BD0A-J8T2U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-93A56BD0A-J8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A56BD0A-J8T2U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-93A56BD0A-J8T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93A56BD0A-J8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
S-93A46B/56B/66B/76B/86B
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION
3-WIRE SERIAL E2PROM
© SII Semiconductor Corporation, 2016
Rev.1.2_00
1
This IC is a high temperature operation 3-wire serial E
2PROM for automotive components. This IC has the capacity of 1 K-bit,
2 K-bit, 4 K-bit, 8 K-bit and 16 K-bit, and the organization is 64 words
× 16-bit, 128 words × 16-bit, 256 words × 16-bit, 512
words
× 16-bit and 1024 words × 16-bit, respectively. Sequential read is available, at which time addresses are automatically
incremented in 16-bit blocks. The communication method is by the Microwire bus.
Caution Before using the product in automobile control unit or medical equipment, contact to SII Semiconductor
Corporation is indispensable.
Features
• Memory capacity
S-93A46B:
1 K-bit (64-word
× 16-bit)
S-93A56B:
2 K-bit (128-word
× 16-bit)
S-93A66B:
4 K-bit (256-word
× 16-bit)
S-93A76B:
8 K-bit (512-word
× 16-bit)
S-93A86B:
16 K-bit (1024-word
× 16-bit)
• Operation voltage range
Read:
2.5 V to 5.5 V
Write:
2.5 V to 5.5 V
• Operation frequency:
2.0 MHz max.
• Write time:
4.0 ms max.
• Sequential read
• CMOS schmitt input (CS, SK, DI)
• Write protect function during the low power supply voltage
• Function to protect against write due to erroneous instruction recognition
• Endurance:
10
6 cycle / word*1 (Ta = +85°C)
8
× 10
5 cycle / word*1 (Ta = +105°C)
5
× 10
5 cycle / word*1 (Ta = +125°C)
• Data retention:
100 years (Ta =
+25°C)
50 years (Ta =
+125°C)
• Initial delivery state:
FFFFh
• Wafer level burn-in (standard specification)
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 in process
*2
*1.
For each address (Word: 16-bit)
*2.
Contact our sales office for details.
Packages
• 8-Pin SOP (JEDEC)
1
4
5
8
(5.0
× 6.0 × t1.75 mm)
• 8-Pin TSSOP
1
4
5
8
(3.0
× 6.4 × t1.1 mm)
• TMSOP-8
1
4
5
8
(2.9
× 4.0 × t0.8 mm)
• HSNT-8(2030)
1
8
4
5
(3.0
× 2.0 × t0.5 mm)


Similar Part No. - S-93A56BD0A-J8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A56BD0A-J8T2U3 SII-S-93A56BD0A-J8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A56BD0A-J8T2U3 ABLIC-S-93A56BD0A-J8T2U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A56BD0A-J8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com