Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A46BD0S-T8T2U3 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-93A46BD0S-T8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A46BD0S-T8T2U3 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-93A46BD0S-T8T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION 3-WIRE SERIAL E2PROM
S-93A46B/56B/66B/76B/86B
Rev.1.2_00
8
DC Electrical Characteristics
Table 6
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 4.5 V,
fSK = 2.0 MHz
VCC = 4.5 V to 5.5 V,
fSK = 2.0 MHz
Min.
Max.
Min.
Max.
Current consumption (read) ICC1
No load at DO pin
0.5
0.8
mA
Table 7
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 4.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Current consumption (write) ICC2
No load at DO pin
3.0
3.0
mA
Table 8
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 4.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
CS = GND,
DO = Open,
Other input pins are
VCC or GND
8.0
8.0
μA
Input leakage current
ILI
CS, SK, DI,
VIN = GND to VCC
1.5
1.5
μA
Output leakage current
ILO
DO,
VOUT = GND to VCC
1.5
1.5
μA
Pull-down current
IPD
TEST,
VIN = GND ~ VCC
2.0
2.0
μA
Low level output voltage
VOL
IOL = 2.1 mA
0.6
V
IOL = 100
μA
0.2
0.2
V
High level output voltage VOH
IOH =
−400 μA
2.4
V
IOH =
−100 μA
VCC
− 0.3
VCC
− 0.3
V
IOH =
−10 μA
VCC
− 0.2
VCC
− 0.2
V
Data hold voltage
of write enable latch
VDH
Only program disable
mode
1.5
1.5
V


Similar Part No. - S-93A46BD0S-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46BD0A-A8T1U3 SII-S-93A46BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-A8T1U3 ABLIC-S-93A46BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A46BD0A-J8T2U3 SII-S-93A46BD0A-J8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-J8T2U3 ABLIC-S-93A46BD0A-J8T2U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A46BD0A-K8T2U3 SII-S-93A46BD0A-K8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93A46BD0S-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com