Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A46BD0S-T8T2U3 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-93A46BD0S-T8T2U3
Description  Function to protect against write due to erroneous instruction recognition
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A46BD0S-T8T2U3 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-93A46BD0S-T8T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93A46BD0S-T8T2U3 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.2_00
S-93A46B/56B/66B/76B/86B
7
Absolute Maximum Ratings
Table 1
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VCC
−0.3 to +6.5
V
Input voltage
VIN
−0.3 to +6.5
V
Output voltage
VOUT
−0.3 to VCC + 0.3
V
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 2
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
Min.
Max.
Power supply voltage
VCC
READ, EWDS, WRITE, ERASE, WRAL,
ERAL, EWEN
2.5
5.5
V
High level input voltage VIH
0.8
× VCC
VCC
V
Low level input voltage
VIL
0.0
0.2
× VCC
V
Pin Capacitance
Table 3
(Ta =
+25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V
8
pF
Output capacitance
COUT
VOUT = 0 V
10
pF
Endurance
Table 4
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
Ta =
−40°C to +85°C
10
6
cycle / word
*1
Ta =
−40°C to +105°C
8
× 10
5
cycle / word
*1
Ta =
−40°C to +125°C
5
× 10
5
cycle / word
*1
*1. For each address (Word: 16-bit)
Data Retention
Table 5
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
Ta =
+25°C
100
year
Ta =
−40°C to +125°C
50
year


Similar Part No. - S-93A46BD0S-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46BD0A-A8T1U3 SII-S-93A46BD0A-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-A8T1U3 ABLIC-S-93A46BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A46BD0A-J8T2U3 SII-S-93A46BD0A-J8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46BD0A-J8T2U3 ABLIC-S-93A46BD0A-J8T2U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A46BD0A-K8T2U3 SII-S-93A46BD0A-K8T2U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93A46BD0S-T8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0H-J8T2U3 SII-S-93C46CD0H-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
PHOENIX CONTACT
2833725 PHOENIX-2833725 Datasheet
66Kb / 4P
   Mechanical coding to protect against mismatching
2833709 PHOENIX-2833709 Datasheet
63Kb / 3P
   Mechanical coding to protect against mismatching
2833686 PHOENIX-2833686 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
2833699 PHOENIX-2833699 Datasheet
64Kb / 4P
   Mechanical coding to protect against mismatching
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com