Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57K1RBL1A-M3T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-57K1RBL1A-M3T2U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57K1RBL1A-M3T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-57K1RBL1A-M3T2U Datasheet HTML 1Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 2Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 3Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 4Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 5Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 6Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 7Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 8Page - Seiko Instruments Inc S-57K1RBL1A-M3T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
S-57K1 A Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
© SII Semiconductor Corporation, 2013-2015
Rev.1.5_01
1
The S-57K1 A Series, developed by CMOS technology, is a high-accuracy Hall IC that operates with high temperature and
high-withstand voltage.
The output voltage changes when the S-57K1 A Series detects the intensity level of magnetic flux density and a polarity
change. Using the S-57K1 A Series with a magnet makes it possible to detect the rotation status in various devices.
The S-57K1 A Series includes a reverse voltage protection circuit and an output current limit circuit.
High-density mounting is possible by using the small SOT-23-3 package.
Due to its high-accuracy magnetic characteristics, the S-57K1 A Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Pole detection:
Bipolar latch
• Detection logic for magnetism*1:
VOUT = "L" at S pole detection
VOUT = "H" at S pole detection
• Output form*1:
Nch open-drain output, Nch driver
+ built-in pull-up resistor
• Magnetic sensitivity*1:
BOP = 3.0 mT typ., BOP = 6.0 mT typ.
• Operating cycle:
tCYCLE = 8.0
μs typ.
• Power supply voltage range:
VDD = 3.5 V to 26.0 V
• Built-in regulator
• Built-in reverse voltage protection circuit
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 in process*2
*1. The option can be selected.
*2. Contact our sales office for details.
Applications
• Automobile equipment
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Package
• SOT-23-3


Similar Part No. - S-57K1RBL1A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1RBL1A-M3T2U SII-S-57K1RBL1A-M3T2U Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
More results

Similar Description - S-57K1RBL1A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com