Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C16DI-M5T1U5 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-24C16DI-M5T1U5
Description  Write protect function during low power supply voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C16DI-M5T1U5 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-24C16DI-M5T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 9Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 10Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 11Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 12Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 13Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 14Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
2-WIRE SERIAL E2PROM
Rev.3.0_01_U
S-24C02D/04D/08D16D
11
Initial Delivery State
Initial delivery state of all addresses is "FFh".
Operation
1. Initialization operation after power-on
By a power-on-clear circuit, this IC initializes the internal circuit at the time of power-on. Perform the beginning (start
condition) of the instruction transmission to this IC after the initialization by the power-on-clear circuit. Regarding the
datails of power-on-clear, refer to "5. Power-on-clear circuit" in " Usage".
2. Start condition
Start is identified by a "H" to "L" transition of the SDA line while the SCL line is stable at "H".
Every operation begins from a start condition.
3. Stop condition
Stop is identified by a "L" to "H" transition of the SDA line while the SCL line is stable at "H".
When a device receives a stop condition during a read sequence, the read operation is interrupted, and the device
enters standby mode.
When a device receives a stop condition during a write sequence, the reception of the write data is halted, and this IC
initiates a write cycle.
tSU.STA tHD.STA
tSU.STO
Start condition
Stop condition
SCL
SDA
VCC
tINIT
Figure 5 Start / Stop Conditions after Power-on


Similar Part No. - S-24C16DI-M5T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C16DI-M5T1U5 SII-S-24C16DI-M5T1U5 Datasheet
1Mb / 47P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C16DI-M5T1U5 ABLIC-S-24C16DI-M5T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C16DI-M5T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com