Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-34C04A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-34C04A
Description  FOR DIMM SERIAL PRESENCE DETECT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C04A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-34C04A Datasheet HTML 1Page - Seiko Instruments Inc S-34C04A Datasheet HTML 2Page - Seiko Instruments Inc S-34C04A Datasheet HTML 3Page - Seiko Instruments Inc S-34C04A Datasheet HTML 4Page - Seiko Instruments Inc S-34C04A Datasheet HTML 5Page - Seiko Instruments Inc S-34C04A Datasheet HTML 6Page - Seiko Instruments Inc S-34C04A Datasheet HTML 7Page - Seiko Instruments Inc S-34C04A Datasheet HTML 8Page - Seiko Instruments Inc S-34C04A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2-WIRE SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.0_01_U
S-34C04A
3
Absolute Maximum Ratings
Table 1
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
−0.3 to +4.3
V
Input voltage (SCL, SA1, SA2)
VIN
−0.3 to +4.3
V
SA0 high level input voltage
VHV
−0.3 to +10.0
V
I/O voltage (SDA)
VIO
−0.3 to +4.3
V
Operation ambient temperature
Topr
−20 to +125
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Conditions
Table 2
Item
Symbol
Condition
Min.
Max.
Unit
Power supply voltage
VDD
EE1004-1 compliant
1.7
3.6
V
Operation ambient temperature
Topr
−20
+125
°C
High level input voltage
VIH
0.7
× VDD
VDD
+ 0.5
V
Low level input voltage
VIL
−0.3
0.3
× VDD
V
SA0 high level input voltage
VHV
VHV
− VDD ≥ 4.8 V
7.0
10.0
V
Pin Capacitance
Table 3
(Ta =
+25°C, f = 1.0 MHz, VDD = 2.5 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V (SCL, SA0, SA1, SA2)
6
pF
I/O capacitance
CI/O
VI/O = 0 V (SDA)
8
pF
Endurance
Table 4
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
Ta =
+25°C
106
cycle / word*1
*1. For each address (Word: 8-bit)
Data Retention
Table 5
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
Ta =
+25°C
100
year


Similar Part No. - S-34C04A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02A SII-S-34C02A Datasheet
340Kb / 34P
   2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A01-T8T1G SII-S-34C02A01-T8T1G Datasheet
340Kb / 34P
   2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
More results

Similar Description - S-34C04A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02A SII-S-34C02A Datasheet
340Kb / 34P
   2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com