Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-34C02B Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-34C02B
Description  Write protect function during low power supply voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02B Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-34C02B Datasheet HTML 7Page - Seiko Instruments Inc S-34C02B Datasheet HTML 8Page - Seiko Instruments Inc S-34C02B Datasheet HTML 9Page - Seiko Instruments Inc S-34C02B Datasheet HTML 10Page - Seiko Instruments Inc S-34C02B Datasheet HTML 11Page - Seiko Instruments Inc S-34C02B Datasheet HTML 12Page - Seiko Instruments Inc S-34C02B Datasheet HTML 13Page - Seiko Instruments Inc S-34C02B Datasheet HTML 14Page - Seiko Instruments Inc S-34C02B Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2-WIRE SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.0_02_U
S-34C02B
11
7. Write
7. 1 Byte write
When the master sends a 7-bit device address and a 1-bit read / write instruction code set to "0", following a start
condition, this IC acknowledges it.
This IC then receives an 8-bit word address and responds with an acknowledge. After this IC receives 8-bit write
data and responds with an acknowledge, it receives a stop condition and that initiates the write cycle at the
addressed memory.
During the write cycle all operations are forbidden and no acknowledge is generated.
A2 A1 A0
S
T
A
R
T
1 0 1 0
W
R
I
T
E
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
A
C
K
L
S
B
WORD ADDRESS
A
C
K
0
S
T
O
P
DATA
W7 W6 W5 W4 W3 W2 W1 W0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
A
C
K
Figure 9 Byte Write


Similar Part No. - S-34C02B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02A SII-S-34C02A Datasheet
340Kb / 34P
   2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A01-T8T1G SII-S-34C02A01-T8T1G Datasheet
340Kb / 34P
   2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
More results

Similar Description - S-34C02B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02DI-J8T1U5 SII-S-24C02DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com