Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK14C88 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # STK14C88
Description  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14C88 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STK14C88 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14C88 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK14C88
December 2002
11
Document Control # ML0014 rev 0.0
Figure 5: Icc (max) Reads
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS
Figure 6: Icc (max) Writes
0
20
40
60
80
100
50
100
150
200
Cycle Time (ns)
TTL
CMOS


Similar Part No. - STK14C88

ManufacturerPart #DatasheetDescription
Simtek Corporation
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
Cypress Semiconductor
Cypress Semiconductor
STK14C88 CYPRESS-STK14C88 Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Simtek Corporation
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Simtek Corporation
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Simtek Corporation
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Simtek Corporation
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com