Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-25A640B0A-K8T2U3 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-25A640B0A-K8T2U3
Description  Function to prevent malfunction by monitoring clock pulse
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-25A640B0A-K8T2U3 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-25A640B0A-K8T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 9Page - Seiko Instruments Inc S-25A640B0A-K8T2U3 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
FOR AUTOMOTIVE 125°C OPERATION SPI SERIAL E2PROM
S-25A640A, S-25A640B
Rev.3.2_01
6
DC Electrical Characteristics
1. S-25A640A
Table 12
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 3.0 V
fSCK = 2.5 MHz
VCC = 3.0 V to 4.5 V
fSCK = 3.5 MHz
VCC = 4.5 V to 5.5 V
fSCK = 5.0 MHz
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption
(read)
ICC1
No load at
SO pin
1.5
2.0
2.5
mA
Table 13
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 3.0 V
fSCK = 2.5 MHz
VCC = 3.0 V to 4.5 V
fSCK = 3.5 MHz
VCC = 4.5 V to 5.5 V
fSCK = 5.0 MHz
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption
(write)
ICC2
No load at
SO pin
4.0
5.0
6.0
mA
Table 14
Item
Symbol
Condition
Ta =
−40°C to +125°C
Unit
VCC = 2.5 V to 4.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
CS = VCC,
SO = Open
Other inputs are
VCC or GND
8.0
10.0
μA
Input leakage current
ILI
VIN = GND to VCC
2.0
2.0
μA
Output leakage current
ILO
VOUT = GND to VCC
2.0
2.0
μA
Low level
output voltage
VOL1
IOL = 2.0 mA
0.4
V
VOL2
IOL = 1.5 mA
0.4
0.4
V
High level
output voltage
VOH1
IOH =
−2.0 mA
0.8
× VCC
V
VOH2
IOH =
−0.4 mA
0.8
× VCC
0.8
× VCC
V


Similar Part No. - S-25A640B0A-K8T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A640B0A-K8T2U3 ABLIC-S-25A640B0A-K8T2U3 Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
More results

Similar Description - S-25A640B0A-K8T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
   Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
   Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
   Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
   Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
logo
OSRAM GmbH
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
   ?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
logo
Laird Tech Smart Techno...
DIPOLE-WCP LSTD-DIPOLE-WCP Datasheet
727Kb / 1P
   Alignment notches to prevent rotation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com